Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90USB1287 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT90USB1287
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
Download  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB1287 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT90USB1287 Datasheet HTML 7Page - ATMEL Corporation AT90USB1287 Datasheet HTML 8Page - ATMEL Corporation AT90USB1287 Datasheet HTML 9Page - ATMEL Corporation AT90USB1287 Datasheet HTML 10Page - ATMEL Corporation AT90USB1287 Datasheet HTML 11Page - ATMEL Corporation AT90USB1287 Datasheet HTML 12Page - ATMEL Corporation AT90USB1287 Datasheet HTML 13Page - ATMEL Corporation AT90USB1287 Datasheet HTML 14Page - ATMEL Corporation AT90USB1287 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 456 page
background image
11
7593L–AVR–09/12
AT90USB64/128
5.
AVR CPU core
5.1
Introduction
This section discusses the AVR core architecture in general. The main function of the CPU core
is to ensure correct program execution. The CPU must therefore be able to access memories,
perform calculations, control peripherals, and handle interrupts.
5.2
Architectural overview
Figure 5-1.
Block diagram of the AVR architecture.
In order to maximize performance and parallelism, the AVR uses a Harvard architecture – with
separate memories and buses for program and data. Instructions in the program memory are
executed with a single level pipelining. While one instruction is being executed, the next instruc-
tion is pre-fetched from the program memory. This concept enables instructions to be executed
in every clock cycle. The program memory is In-System Re-programmable Flash memory.
Flash
program
memory
Instruction
register
Instruction
decoder
Program
counter
Control lines
32 x 8
general
purpose
registrers
ALU
Status
and control
I/O lines
EEPROM
Data bus 8-bit
Data
SRAM
Interrupt
unit
SPI
unit
Watchdog
timer
Analog
comparator
I/O Module 2
I/O Module1
I/O Module n


Similar Part No. - AT90USB1287

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB1287 ATMEL-AT90USB1287 Datasheet
3Mb / 435P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB1287 ATMEL-AT90USB1287 Datasheet
4Mb / 459P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB1287 ATMEL-AT90USB1287 Datasheet
603Kb / 35P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB1287 ATMEL-AT90USB1287 Datasheet
11Mb / 456P
   Non-volatile program and data memories
AT90USB1287-16AU ATMEL-AT90USB1287-16AU Datasheet
3Mb / 434P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
More results

Similar Description - AT90USB1287

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB646-AU ATMEL-AT90USB646-AU Datasheet
11Mb / 456P
   8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
ATMEGA32U6 ATMEL-ATMEGA32U6 Datasheet
4Mb / 459P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646_08 Datasheet
1Mb / 30P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646_0607 ATMEL-AT90USB646_0607 Datasheet
3Mb / 435P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646_09 Datasheet
603Kb / 35P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB162-16AU ATMEL-AT90USB162-16AU Datasheet
3Mb / 307P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
AT90USB82_0811 ATMEL-AT90USB82_0811 Datasheet
3Mb / 306P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
852Kb / 26P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_09 Datasheet
664Kb / 22P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com