Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90USB1286 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT90USB1286
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
Download  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB1286 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT90USB1286 Datasheet HTML 6Page - ATMEL Corporation AT90USB1286 Datasheet HTML 7Page - ATMEL Corporation AT90USB1286 Datasheet HTML 8Page - ATMEL Corporation AT90USB1286 Datasheet HTML 9Page - ATMEL Corporation AT90USB1286 Datasheet HTML 10Page - ATMEL Corporation AT90USB1286 Datasheet HTML 11Page - ATMEL Corporation AT90USB1286 Datasheet HTML 12Page - ATMEL Corporation AT90USB1286 Datasheet HTML 13Page - ATMEL Corporation AT90USB1286 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 456 page
background image
10
7593L–AVR–09/12
AT90USB64/128
2.2.18
XTAL2
Output from the inverting oscillator amplifier.
2.2.19
AVCC
AVCC is the supply voltage pin for Port F and the A/D Converter. It should be externally con-
nected to V
CC, even if the ADC is not used. If the ADC is used, it should be connected to VCC
through a low-pass filter.
2.2.20
AREF
This is the analog reference pin for the A/D Converter.
3.
Resources
A comprehensive set of development tools, application notes and datasheets are available for
download on http://www.atmel.com/avr.
4.
About code examples
This documentation contains simple code examples that briefly show how to use various parts of
the device. Be aware that not all C compiler vendors include bit definitions in the header files
and interrupt handling in C is compiler dependent. Please confirm with the C compiler documen-
tation for more details.
These code examples assume that the part specific header file is included before compilation.
For I/O registers located in extended I/O map, "IN", "OUT", "SBIS", "SBIC", "CBI", and "SBI"
instructions must be replaced with instructions that allow access to extended I/O. Typically
"LDS" and "STS" combined with "SBRS", "SBRC", "SBR", and "CBR".


Similar Part No. - AT90USB1286

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB1286 ATMEL-AT90USB1286 Datasheet
3Mb / 435P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB1286 ATMEL-AT90USB1286 Datasheet
4Mb / 459P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB1286 ATMEL-AT90USB1286 Datasheet
603Kb / 35P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB1286 ATMEL-AT90USB1286 Datasheet
11Mb / 456P
   Optional Boot Code section with independent lock bits
AT90USB1286-16MU ATMEL-AT90USB1286-16MU Datasheet
3Mb / 434P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
More results

Similar Description - AT90USB1286

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB646-AU ATMEL-AT90USB646-AU Datasheet
11Mb / 456P
   8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
ATMEGA32U6 ATMEL-ATMEGA32U6 Datasheet
4Mb / 459P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646_08 Datasheet
1Mb / 30P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646_0607 ATMEL-AT90USB646_0607 Datasheet
3Mb / 435P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646_09 Datasheet
603Kb / 35P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB162-16AU ATMEL-AT90USB162-16AU Datasheet
3Mb / 307P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
AT90USB82_0811 ATMEL-AT90USB82_0811 Datasheet
3Mb / 306P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
852Kb / 26P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_09 Datasheet
664Kb / 22P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com