Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1867 Datasheet(PDF) 1 Page - Rohm

Part # 2SD1867
Description  Power Transistor (100V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1867 Datasheet(HTML) 1 Page - Rohm

  2SD1867 Datasheet HTML 1Page - Rohm 2SD1867 Datasheet HTML 2Page - Rohm 2SD1867 Datasheet HTML 3Page - Rohm 2SD1867 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SD2195 / 2SD1980 / 2SD1867
Transistors
Rev.B
1/3
Power Transistor (100V, 2A)
2SD2195 / 2SD1980 / 2SD1867
Features
1) Darlington connection for high DC current gain.
2) Built-in resistor between base and emitter.
3) Built-in damper diode.
4) Complements the 2SB1580 / 2SB1316.
Equivalent circuit
R1 3.5k
R2 300
B
C
E
C
B
E
: Base
: Collector
: Emitter
R1
R2
Absolute maximum ratings (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector
power
dissipation
Junction temperature
Storage temperature
1 Single pulse Pw
=100ms
2 When mounted on a 40 x 40 x 0.7 mm ceramic board.
3 Printed circuit board, 1.7mm thick, collector plating 100mm2 or larger.
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
100
100
6
2
2
1
1
10
150
−55 to +150
Unit
V
V
V
A(DC)
3
A(Pulse)
W
W
W(Tc
=25°C)
2SD2195
2SD1980
2SD1867
°C
°C
∗1
∗2
∗3
0.5
External dimensions (Unit : mm)
2SD2195
(3) Emitter
(2) Collector
(1) Base
EIAJ : SC-62
2SD1980
(3) Emitter
(2) Collector
(1) Base
ROHM : CPT3
EIAJ : SC-63
ROHM : MPT3
2SD1867
(2) Collector
(1) Emitter
ROHM : ATV
Taping specifications
(3) Base
0.45
1.05
0.5
(1)
0.65Max.
2.54
(2)
2.54
(3)
6.8
2.5
1.5
0.4
1.6
0.5
3.0
0.4
0.4
1.5
1.5
(3)
(2)
(1)
4.5
6.5
2.3
(2)
(3)
0.65
(1)
0.75
2.3
0.9
5.1
2.3
0.5
1.0
0.5


Similar Part No. - 2SD1867

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1867 ROHM-2SD1867 Datasheet
81Kb / 4P
   Power Transistor (100V , 2A)
2SD1867 ROHM-2SD1867 Datasheet
70Kb / 1P
   Transistors
More results

Similar Description - 2SD1867

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1980 ROHM-2SD1980_09 Datasheet
164Kb / 3P
   Power Transistor (100V, 2A)
2SD2195 ROHM-2SD2195 Datasheet
81Kb / 4P
   Power Transistor (100V , 2A)
RQ6P020AT ROHM-RQ6P020AT Datasheet
2Mb / 14P
   Pch -100V -2A Power MOSFET
20230118 - Rev.002
logo
SeCoS Halbleitertechnol...
2SA554 SECOS-2SA554 Datasheet
344Kb / 2P
   -2A, -100V PP Epitaxial Planar Transistor
logo
PFC Device Inc.
PTA2L100 PFC-PTA2L100 Datasheet
561Kb / 5P
   2A 100V HPTR짰 Schottky Rectifier
logo
Rohm
2SD1857 ROHM-2SD1857_09 Datasheet
164Kb / 3P
   Power Transistor (120V, 2A)
2SD1861 ROHM-2SD1861 Datasheet
72Kb / 3P
   Power transistor (40V, 2A)
2SB1427 ROHM-2SB1427 Datasheet
61Kb / 2P
   Power transistor (-20V, -2A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
   Power transistor (-60V, -2A)
logo
Infineon Technologies A...
IPB330P10NM INFINEON-IPB330P10NM Datasheet
1Mb / 11P
   OpriMOS power-Transistor,-100V
2.0. 2021-05-24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com