Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-L104 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E39-L104
Description  Sensor connectors, reflectors, mounting brackets, accessories
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L104 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E39-L104 Datasheet HTML 4Page - Omron Electronics LLC E39-L104 Datasheet HTML 5Page - Omron Electronics LLC E39-L104 Datasheet HTML 6Page - Omron Electronics LLC E39-L104 Datasheet HTML 7Page - Omron Electronics LLC E39-L104 Datasheet HTML 8Page - Omron Electronics LLC E39-L104 Datasheet HTML 9Page - Omron Electronics LLC E39-L104 Datasheet HTML 10Page - Omron Electronics LLC E39-L104 Datasheet HTML 11Page - Omron Electronics LLC E39-L104 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
Robot Cable Connectors (M8/M12)
XS3F-_-R, XS2F-_-R
Ordering Information
Type
Size
Material
Features
Shape
Length
(m)
Order code
Nut
Cable
Vibration-proof robot
cable (screw on)
M8
Brass (CuZn)
PVC
4 pin
Straight
2
XS3F-M421-402-R
5
XS3F-M421-405-R
Angled
2
XS3F-M422-402-R
5
XS3F-M422-405-R
Vibration-proof robot
cable (snap on)
Thermoplastic PVC
4 pin
Straight
2
XS3F-S421-402-R
5
XS3F-S421-405-R
Angled
2
XS3F-S422-402-R
5
XS3F-S422-405-R
Vibration-proof robot
cable (screw on)
M12
Brass (CuZn)
PVC
2 wire
Straight
2
XS2F-D421-DA0-R
4 wire
XS2F-D421-D80-R
2 wire
5
XS2F-D421-GA0-R
4 wire
XS2F-D421-G80-R
2 wire
Angled
2
XS2F-D422-DA0-R
4 wire
XS2F-D422-D80-R
2 wire
5
XS2F-D422-GA0-R
4 wire
XS2F-D422-G80-R
Vibration proof robot
cable (srew on) for AC
usage
2 wire
Straight
2
XS2F-A421-DB0-R
4 wire
XS2F-A421-D90-R
2 wire
5
XS2F-A421-GB0-R
4 wire
XS2F-A421-G90-R
2 wire
Angled
2
XS2F-A422-DB0-R
5
XS2F-A422-GB0-R


Similar Part No. - E39-L104

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L104 OMRON-E39-L104 Datasheet
1Mb / 19P
   Mounting Brackets
E39-L104 OMRON-E39-L104 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
E39-L104 OMRON-E39-L104 Datasheet
1Mb / 17P
   Mounting Brackets
E39-L104 OMRON-E39-L104 Datasheet
1Mb / 12P
   Print mark detection photoelectric sensor in compact stainless steel housing
E39-L104 OMRON-E39-L104 Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
More results

Similar Description - E39-L104

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-E10 OMRON-E39-E10 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
logo
Tyco Electronics
2-1437402-4 MACOM-2-1437402-4 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
2-1437402-7 MACOM-2-1437402-7 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
logo
Omron Electronics LLC
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
   Mounting Brackets
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
   Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
   Mounting brackets
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
   Mounting Brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
   SLIMCAB SERIES MOUNTING BRACKETS
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com