Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y92B-A250 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # Y92B-A250
Description  Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Y92B-A250 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button Y92B-A250 Datasheet HTML 7Page - Omron Electronics LLC Y92B-A250 Datasheet HTML 8Page - Omron Electronics LLC Y92B-A250 Datasheet HTML 9Page - Omron Electronics LLC Y92B-A250 Datasheet HTML 10Page - Omron Electronics LLC Y92B-A250 Datasheet HTML 11Page - Omron Electronics LLC Y92B-A250 Datasheet HTML 12Page - Omron Electronics LLC Y92B-A250 Datasheet HTML 13Page - Omron Electronics LLC Y92B-A250 Datasheet HTML 14Page - Omron Electronics LLC Y92B-A250 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
G3NA
11
Y92B-P250
70 max.
Four, M4
Four, R2.5
130.5 max.
190.5 max.
Mounting Holes
Four, 4.5 dia. or M4
47.6
Two, M4
Depth 10
Y92B-A100
Y92B-A150
Y92B-A250
47.6
50
±0.1
47.6
50
±0.1
56
±0.5
R2.2
R2.2
47.6
50
±0.1
56
±0.5
1.5
9.6
2
1.5
30
Y92B-A100 Heat Sink
(for the G3NA-205B,
G3NA-210B,
G3NA-220B,
G3NA-410B,
G3NA-420B,
G3NA-D210B)
Y92B-A150N Heat Sink
(for the G3NA-240B,
G3NA-440B(-2))
Y92B-A250 Heat Sink
(for the G3NA-440B(-2))
For mounting method, refer to "Precautions for Correct
Use".
For surface mounting, a 30% derating of the load current is required (from the Load Current vs. Ambient Temperature graphs).
Mounting Holes
Two, M4 holes
100 max.
Three, M4 holes
150 max.
Three, M4 holes
250 max.
80.5 max.
45.5 max.
Four, 4.3-dia. or M4 holes
102 max.
Weight: approx. 210 g
Weight: approx. 310 g
Weight: approx. 510 g


Similar Part No. - Y92B-A250

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y92B-A250 OMRON-Y92B-A250 Datasheet
1Mb / 18P
   Solid State Relays G3NA
More results

Similar Description - Y92B-A250

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NA225BAC100120 OMRON-G3NA225BAC100120 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
logo
IXYS Corporation
AN-145 IXYS-AN-145 Datasheet
199Kb / 11P
   Advantages of Solid-State Relays
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
ZETTLER Electronics
R2N ZETTLER-R2N Datasheet
4Mb / 12P
   Relays of general application
R3N ZETTLER-R3N Datasheet
3Mb / 10P
   Relays of general application
R4N ZETTLER-R4N Datasheet
5Mb / 12P
   Relays of general application
RY2 ZETTLER-RY2 Datasheet
501Kb / 5P
   Relays of general application
logo
Omron Electronics LLC
G2R-14-DC5 OMRON-G2R-14-DC5 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
G2R-1-E-DC5 OMRON-G2R-1-E-DC5 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com