Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6Z1PDC24 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6Z1PDC24
Description  Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6Z1PDC24 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6Z1PDC24 Datasheet HTML 1Page - Omron Electronics LLC G6Z1PDC24 Datasheet HTML 2Page - Omron Electronics LLC G6Z1PDC24 Datasheet HTML 3Page - Omron Electronics LLC G6Z1PDC24 Datasheet HTML 4Page - Omron Electronics LLC G6Z1PDC24 Datasheet HTML 5Page - Omron Electronics LLC G6Z1PDC24 Datasheet HTML 6Page - Omron Electronics LLC G6Z1PDC24 Datasheet HTML 7Page - Omron Electronics LLC G6Z1PDC24 Datasheet HTML 8Page - Omron Electronics LLC G6Z1PDC24 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High-frequency Relay
G6Z
111
High-frequency Relay
G6Z
Miniature 2.6-GHz-Band, SPDT,
High-frequency Relay
• Superior high-frequency characteristics include an isolation
of 30 dB min., insertion loss of 0.5 dB max., and V.S.W.R.
of 1.5 max. at 2.6 GHz.
• Triplate micro stripline technology assures superior
high-frequency characteristics.
• Miniature dimensions of 20 x 8.6 x 8.9 mm (L x W x H).
• E-shape or Y-shape terminal options with reverse contact
arrangements available, allows greater freedom with PCB
design.
• Choose between 75-
Ω or 50-Ω impedance models
• RoHS Compliant.
Ordering Information
Model Number Legend:
Classification
Structure
Contact
form
Terminal
arrangement
Characteristic
impedance
Rated coil voltage
Model
Through-hole
Surface Mount
Non-latching
Fully
sealed
SPDT
E-shape
75
Ω
3, 4.5, 5, 9, 12, and 24 VDC G6Z-1PE
G6Z-1FE
50
Ω
G6Z-1PE-A
G6Z-1FE-A
Y-shape
75
Ω
G6Z-1P
G6Z-1F
50
Ω
G6Z-1P-A
G6Z-1F-A
Single coil
latching
E-shape
75
Ω
G6ZU-1PE
G6ZU-1FE
50
Ω
G6ZU-1PE-A
G6ZU-1FE-A
Y-shape
75
Ω
G6ZU-1P
G6ZU-1F
50
Ω
G6ZU-1P-A
G6ZU-1F-A
Dual coil
latching
E-shape
75
Ω
G6ZK-1PE
G6ZK-1FE
50
Ω
G6ZK-1PE-A
G6ZK-1FE-A
Y-shape
75
Ω
G6ZK-1P
G6ZK-1F
50
Ω
G6ZK-1P-A
G6ZK-1F-A
Rated coil voltage
Notes: 1. When ordering, add the rated coil voltage to the model number.
Example: G6Z-1PE-A-DC12
2. When ordering tape packing (surface mount models), add "-TR" to the model number.
Example: G6ZU-1FE-TR-DC12
"-TR" is not part of the relay model number. Therefore, it is not marked on the relay case.
Tape packing
1. Relay Function
None: Non-latching
U:
Single coil latching
K:
Dual coil latching
2. Contact Form
1:
SPDT
3. Terminal Shape
P:
PCB through-hole terminals
F:
Surface mount terminals
4. Terminal Structure
None: Y-shape terminal
E:
E-shape terminal
None: 75
Ω
A:
50
Ω
5. Characteristic Impedance
6. Contact arrangement
None: Standard contact arrangement
R:
Reverse contact arrangement
7. Rated Coil Voltage
3, 4.5, 5, 9, 12, 24
G6Z
-
-
- DC
2
3 4
5 6
7
1


Similar Part No. - G6Z1PDC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results

Similar Description - G6Z1PDC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6K-2F-RF OMRON-G6K-2F-RF Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Omron Electronics LLC
G6K-2F-RF-V OMRON-G6K-2F-RF-V Datasheet
545Kb / 7P
   8-GHz Band Miniature DPDT High Frequency Relay for High-speed Differential Transmission Signal Switching
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
logo
Pasternack Enterprises,...
PE2229-30 PASTERNACK-PE2229-30 Datasheet
262Kb / 1P
   HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 2.6-5.2 GHz
logo
WALSIN TECHNOLOGY CORPO...
RFLPF16082G6W0T WALSIN-RFLPF16082G6W0T Datasheet
521Kb / 7P
   2.6 GHz WiMAX / LTE Bands Working Frequency
logo
California Eastern Labs
UPG2159T5K CEL-UPG2159T5K Datasheet
253Kb / 11P
   L,S-BAND MINIATURE SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com