Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6A-274P-ST-US Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6A-274P-ST-US
Description  Fullly Sealed Relay with High Impulse Withstand
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6A-274P-ST-US Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6A-274P-ST-US Datasheet HTML 1Page - Omron Electronics LLC G6A-274P-ST-US Datasheet HTML 2Page - Omron Electronics LLC G6A-274P-ST-US Datasheet HTML 3Page - Omron Electronics LLC G6A-274P-ST-US Datasheet HTML 4Page - Omron Electronics LLC G6A-274P-ST-US Datasheet HTML 5Page - Omron Electronics LLC G6A-274P-ST-US Datasheet HTML 6Page - Omron Electronics LLC G6A-274P-ST-US Datasheet HTML 7Page - Omron Electronics LLC G6A-274P-ST-US Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low Signal Relay
G6A
69
Standard Single Coil Latching DPDT (G6AU-274P-ST-US)
Standard Dual Coil Latching DPDT (G6AK-274P-ST-US)
Low-sensitivity Dual Coil Latching DPDT (G6AK-274P-ST40-US)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil.
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set pick-up
voltage
Reset pick-
up voltage
Maximum
voltage
Power
consumption
(mW)
Armature OFF
Armature ON
% of rated voltage
3
33.70
89
0.15
0.11
70% max.
70% min.
200%
at 23
°C
Approx. 100
4.5
22.2
202
0.34
0.25
5
20
250
0.44
0.35
6
16.70
360
0.64
0.48
9
11.10
810
1.38
1.07
12
8.30
1,440
2.50
2
24
4.20
5,760
9.20
7.20
48
2.50
19,000
28.50
22
Approx. 120
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Set coil
Reset coil
Armature
OFF
Armature
ON
Armature
OFF
Armature
ON
% of rated voltage
3
66.70
45
0.037
0.027
0.027
0.037
70% max.
70% min.
200%
at 23
°C
Approx. 200
4.5
40.2
112
0.09
0.065
0.065
0.09
Approx. 180
5
36
139
0.11
0.08
0.08
0.11
6
30
200
0.16
0.12
0.12
0.16
9
20
450
0.38
0.28
0.28
0.38
12
15
800
0.60
0.45
0.45
0.60
24
7.50
3,200
2.10
1.50
1.50
2.10
48
4.20
11,520
8.50
6.30
6.30
8.50
Approx. 200
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance (ref. value) (H)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Set coil
Reset coil
Armature
OFF
Armature
ON
Armature
OFF
Armature
ON
% of rated voltage
3
120
25
0.015
0.01
0.01
0.015
70% max.
70% min.
150%
at 23
°C
Approx. 360
4.5
79.9
56.3
0.04
0.025
0.025
0.04
5
72.50
69
0.05
0.035
0.035
0.05
6
60
100
0.07
0.05
0.05
0.07
9
40
225
0.16
0.12
0.12
0.16
12
30
400
0.28
0.20
0.20
0.28
24
15
1,600
1.10
0.75
0.75
1.10
48
7.50
6,400
4
2.90
2.9
4


Similar Part No. - G6A-274P-ST-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6A-274P-ST-US OMRON-G6A-274P-ST-US Datasheet
599Kb / 10P
   Low Signal Relay
G6A-274P-ST-US OMRON-G6A-274P-ST-US Datasheet
454Kb / 8P
   Fullly Sealed Relay with High Impulse Withstand
G6A-274P-ST-US OMRON-G6A-274P-ST-US Datasheet
606Kb / 10P
   Low Signal Relay
More results

Similar Description - G6A-274P-ST-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6AK-274P-STLT-US-DC5 OMRON-G6AK-274P-STLT-US-DC5 Datasheet
454Kb / 8P
   Fullly Sealed Relay with High Impulse Withstand
G5NB-1ADC12 OMRON-G5NB-1ADC12 Datasheet
538Kb / 6P
   A Slim Compact Relay with 3 A Switching Capability and 10-kV Impulse Withstand Voltage
G5NB-1A-DC5 OMRON-G5NB-1A-DC5 Datasheet
538Kb / 6P
   A Slim Compact Relay with 3 A Switching Capability and 10-kV Impulse Withstand Voltage
G5NB-E OMRON-G5NB-E Datasheet
229Kb / 4P
   A Miniature Relay with 1-pole 5 A Switching Capability and 10 kV Impulse Withstand Voltage
G5NB OMRON-G5NB_V01 Datasheet
909Kb / 6P
    A Miniature Relay with 1-pole 3A/5A Switching Capability and 10 kV Impulse Withstand Voltage
2007-2021
logo
Tyco Electronics
S89R MACOM-S89R Datasheet
82Kb / 2P
   Low cost, bistable impulse relay.
logo
Seiko Instruments Inc
S-5731NSL1-M3T2U SII-S-5731NSL1-M3T2U Datasheet
881Kb / 15P
   HIGH-WITHSTAND VOLTAGE
S-5742NBL0I-Y3N2U SII-S-5742NBL0I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
logo
Bourns Electronic Solut...
3214J-1-502E BOURNS-3214J-1-502E Datasheet
675Kb / 2P
   Trimpot Trimming Potentiometer Sealed to withstand board wash processing
logo
Fortune Semiconductor C...
FS7755 FORTUNE-FS7755 Datasheet
864Kb / 22P
   Energy Metering IC with Impulse Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com