Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG290LSLTE Datasheet(PDF) 2 Page - Littelfuse

Part # CG290LSLTE
Description  Gas Discharge Tube (GDT) Products CG/CG2 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG290LSLTE Datasheet(HTML) 2 Page - Littelfuse

  CG290LSLTE Datasheet HTML 1Page - Littelfuse CG290LSLTE Datasheet HTML 2Page - Littelfuse CG290LSLTE Datasheet HTML 3Page - Littelfuse CG290LSLTE Datasheet HTML 4Page - Littelfuse CG290LSLTE Datasheet HTML 5Page - Littelfuse CG290LSLTE Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
28
Revised: November 10, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG/CG2 Series
CG/CG2 Series
Electrical Characteristics
Part
Number
Device Specifications (at 25°C)
Life Ratings
DC Breakdown
in Volts
(@100V/s)
Impulse
Break-
down
in Volts
(@100V/μs)
Impulse
Break-
down In
Volts
(@1 Kv/μsec)
Insulation
Resistance
Capaci-
tance
(@1MHz)
Arc
Voltage
(on state
Voltage)
@1Amp
Min
Surge
Life
(@500A
10/1000μs)
Nominal
Impulse
Discharge
Current
(8/20μs)
Nominal
AC
Discharge
Current
(10x1sec
@50-60Hz)
AC
Dischage
Current
(9 cycle
@50Hz)
DC
Holdover
Voltage2
Max
Impulse
Discharge
Current
(1 Application
@ 10/350μs)
MIN
TYP
MAX
MAX
MIN
MAX
TYP
TYP
&*






DW9
SI
9

VKRWV
VKRWV
#N$ 
 $
 $
9
N$
&*





&*61





&*
  


9
N$
&*
  



DW9
&*61   


&*
  


9
&*61   


&*
  


&*61   


&*
  


&*61   


&*
  


&*61   


&*
  


&*
  


&*61   


&*
  


&*61   


&*
  


VKRWV
#N$
 $
&*
  


 $
NOTES:
1. Tested to UL1449 Third Edition
2. Reference REA PE-80, 0.2A. Tested to ITU-T Rec K.12 and REA PE 80 < 150 mSec.
3. Leaded devices = 5x[5(+) or 5 (-)] applications 20kA 8/20μSec. (75 to 600 volt devices.)
MS and Core devices = 10x[5(+) and 5(-)] applications 10kA 8/20μS (800 to 1000 volt devices.)
Product Characteristics
Materials
LS, Axial:
Device: Nickel Plated 2–5 Microns
Lead Wires: Tin Plated 17.5 ± 12.5 Microns
Construction: Ceramic Insulator
Core:
Device: Tin Plated 17.5 ± 12.5 Microns.
Construction: Ceramic Insulator
MS:
Device: Dull Tin Plated 7–9 Microns
Construction: Ceramic Insulator
Product Marking
LF Logo, Voltage and date code; Black in
positive print
Glow to arc
transition current
< 0.5Amps
Glow Voltage
60-160 Volts
Storage and
Operational
Temperature
-40 to +90
Maximum Follow
On Current1
230 Volts r.m.s, 200 Amps.
(800V and 1000V devices tested to UL1449 3rd edition)


Similar Part No. - CG290LSLTE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG290LSLTE LITTELFUSE-CG290LSLTE Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG290LSLTE LITTELFUSE-CG290LSLTE Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG290LSLTE LITTELFUSE-CG290LSLTE Datasheet
232Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG290LSLTE LITTELFUSE-CG290LSLTE Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG290LSLTE LITTELFUSE-CG290LSLTE Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
More results

Similar Description - CG290LSLTE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG75MS LITTELFUSE-CG75MS Datasheet
232Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG90LTR LITTELFUSE-CG90LTR Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG90MS LITTELFUSE-CG90MS Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG2800LTR LITTELFUSE-CG2800LTR Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG21000MS LITTELFUSE-CG21000MS Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG2800L LITTELFUSE-CG2800L Datasheet
232Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG90LSTR LITTELFUSE-CG90LSTR Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG21000L LITTELFUSE-CG21000L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com