Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCHP03W8F8200T5E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCHP03W8F8200T5E
Description  High Power Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCHP03W8F8200T5E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCHP03W8F8200T5E Datasheet HTML 1Page - List of Unclassifed Manufacturers MCHP03W8F8200T5E Datasheet HTML 2Page - List of Unclassifed Manufacturers MCHP03W8F8200T5E Datasheet HTML 3Page - List of Unclassifed Manufacturers MCHP03W8F8200T5E Datasheet HTML 4Page - List of Unclassifed Manufacturers MCHP03W8F8200T5E Datasheet HTML 5Page - List of Unclassifed Manufacturers MCHP03W8F8200T5E Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
High Power Resistors
HP06 Series
Page <2>
25/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Marking
Power Rating
Resistors shall have a power rating based on continuous load operation at an ambient temperature of 70°C. For temperature in
excess of 70°C, the load shall be derated
Voltage Rating
Resistors shall have a rated direct-current (DC) continuous working voltage or an approximate sine-wave root-mean-square (RMS)
alternating-current (AC) continuous working voltage at commercial line frequency and waveform corresponding to the power rating, as
determined from the following formula :
RCWV =
√Px R
Where : RCWV = Rated DC or RMS AC continuous working voltage at commercial-line frequency and waveform (volt)
P = Power rating (watt)
R = Nominal resistance (
Ω)
In no case shall the rated DC or RMS AC continuous working voltage be greater than the applicable maximum value
Specification Table
Type
Power
Rating
(W)
Maximum
Working
Voltage (V)
Maximum
Overload Voltage
(V)
Dielectric
Withstanding
Voltage (V)
Temperature
Range
(°C)
Ambient
Temperature
(°C)
HP03
0.125
50
100
300
-55 to +155
70
A. Multiplier Code for Marking Reference
Code
A
B
C
D
E
F
G
H
X
Y
Z
Multiplier
100
101
102
103
104
105
106
107
10-1
10-2
10-3


Similar Part No. - MCHP03W8F8200T5E

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MCHP TTELEC-MCHP Datasheet
217Kb / 2P
   Excellent surge capability
More results

Similar Description - MCHP03W8F8200T5E

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SQPW201R0F MACOM-SQPW201R0F Datasheet
255Kb / 3P
   High Power Resistors
1773285 MACOM-1773285 Datasheet
255Kb / 3P
   High Power Resistors
SQMR510KJ MACOM-SQMR510KJ Datasheet
255Kb / 3P
   High Power Resistors
SQMR52K2J MACOM-SQMR52K2J Datasheet
250Kb / 3P
   High Power Resistors
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
logo
TT Electronics.
SCW-SC3LF-100R TTELEC-SCW-SC3LF-100R Datasheet
986Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
   High power chip resistors
logo
Rohm
LTR10 ROHM-LTR10_10 Datasheet
140Kb / 4P
   High Power Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com