Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMU01020D5104BB100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MMU01020D5104BB100
Description  Precision MELF Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020D5104BB100 Datasheet(HTML) 1 Page - Vishay Siliconix

  MMU01020D5104BB100 Datasheet HTML 1Page - Vishay Siliconix MMU01020D5104BB100 Datasheet HTML 2Page - Vishay Siliconix MMU01020D5104BB100 Datasheet HTML 3Page - Vishay Siliconix MMU01020D5104BB100 Datasheet HTML 4Page - Vishay Siliconix MMU01020D5104BB100 Datasheet HTML 5Page - Vishay Siliconix MMU01020D5104BB100 Datasheet HTML 6Page - Vishay Siliconix MMU01020D5104BB100 Datasheet HTML 7Page - Vishay Siliconix MMU01020D5104BB100 Datasheet HTML 8Page - Vishay Siliconix MMU01020D5104BB100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Precision MELF Resistors
MMU 0102, MMA 0204, MMB 0207 - Precision
Vishay Beyschlag
www.vishay.com
For technical questions contact: ff3bresistors@vishay.com
Document Number: 28714
34
Revision: 18-Jul-06
FEATURES
• Approved according to EN 140401-803
• Advanced thin film technology
• Superior stability: Class 0.05
• Wide precision range: 10 Ω to 1 MΩ
• Force fitted steel caps, tin plated on nickel barrier
• Pure Sn termination on Ni barrier layer
• Compatible with lead (Pb)-free and lead containing
soldering processes
• Lead (Pb)-free and RoHS compliant
APPLICATIONS
• Test and measuring equipment
• Industrial and medical electronics
METRIC SIZE
DIN:
0102
0204
0207
CECC:
RC 2211M
RC 3715M
RC 6123M
MMU 0102, MMA 0204 and MMB 0207 precision thin film
melf resistors
combine
the
proven reliability of
the
professional products with an advanced level of precision
and stability. Therefore they are perfectly suited for
applications in the fields of test and measuring equipment
along with industrial and medical electronics.
Note: These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heatflow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is not exceeded.
TECHNICAL SPECIFICATIONS
DESCRIPTION
MMU 0102
MMA 0204
MMB 0207
Metric CECC size
RC 2211 M
RC 3715 M
RC 6123 M
Resistance range
22
Ω to 332 kΩ
10
Ω to 511 kΩ
15
Ω to 1 MΩ
Resistance tolerance
± 0.5 %; ± 0.25 %; ± 0.1 %
± 0.25 %; ± 0.1 %
Temperature coefficient
± 25 ppm/K; ± 15 ppm/K
Operation mode
precision
standard
precision
standard
precision
standard
Climatic category
(LCT/UCT/days)
10/85/56
55/125/56
10/85/56
55/125/56
10/85/56
55/125/56
Rated dissipation, P701)
0.06 W
0.2 W
0.07 W
0.25 W
0.11 W
0.4 W
Operating voltage, Umax AC/DC
150 V
200 V
300 V
Film temperature
85
°C
125
°C85 °C
125
°C85 °C
125
°C
Max. resistance change at P70
for resistance range,
|
ΔR/R| max., after:
22
Ω to 332 kΩ
10
Ω to 511 kΩ
15
Ω to 1 MΩ
1000 h
≤ 0.05 %
≤ 0.1 %
≤ 0.05 %
≤ 0.1 %
≤ 0.05 %
≤ 0.1 %
8000 h
≤ 0.1 %
≤ 0.2 %
≤ 0.1 %
≤ 0.2 %
≤ 0.1 %
≤ 0.2 %
225 000 h
≤ 0.3 %
≤ 0.6 %
≤ 0.3 %
≤ 0.6 %
≤ 0.3 %
≤ 0.6 %
Permissible voltage against
ambient (insulation):
1 minute, Uins
200 V
300 V
500 V
continuous
75 V
75 V
75 V
Failure rate
≤ 2.0 × 10-9/h
≤ 0.7 × 10-9/h
≤ 0.7 × 10-9/h


Similar Part No. - MMU01020D5104BB100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020D5620DB0 VISHAY-MMU01020D5620DB0 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D5620DB000 VISHAY-MMU01020D5620DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020D5104BB100

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
logo
WALSIN TECHNOLOGY CORPO...
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com