Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ2RHD1002V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJ2RHD1002V
Description  Precision Thick Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ2RHD1002V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJ2RHD1002V Datasheet HTML 1Page - Panasonic Semiconductor ERJ2RHD1002V Datasheet HTML 2Page - Panasonic Semiconductor ERJ2RHD1002V Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Precision Thick Film Chip Resistors
1
2
3
4
5
6
7
8
9
10
11
12
Product Code
Thick Film
Chip Resistors
Size, Power Rating
Type: inch
1R : 0201
2R : 0402
3R : 0603
6R : 0805
Power R.
0.05 W
0.063 W
0.1 W
0.1 W
T.C.R. Marking
T.C.R.
Code
H
B
K
E
±50 10
–6/˚C (1R, 2R)
±50 10
–6/˚C (3R, 6R)
±100 10
–6/˚C (2R)
±100 10
–6/˚C (3R, 6R)
Resistance Value
Resistance Tolerance
Code
D
Tolerance
±0.5 %
Packaging Methods
Code
C
X
V
Pressed Carrier Taping
2 mm pitch, 15,000 pcs.
Punched Carrier Taping
2 mm pitch, 10,000 pcs.
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
ERJ1R
ERJ2R
ERJ3R
ERJ6R
Packaging
Type
The first three digits are significant figures of resistance
and the last one denotes number of zeros following.
Example: 1002
10 k
Precision Thick Film Chip Resistors
ERJ G : 01005, 0201
ERJ R : 0201, 0402, 0603, 0805
ERJ E : 0603, 0805, 1206,
1210, 1812, 2010, 2512
Type:
ERJ XG, 1G
ERJ 1R, 2R, 3R, 6R
ERJ 3E, 6E, 8E, 14, 12, 1T
Features
● Small size and lightweight
● High reliability
Metal glaze thick film resistive element and three
layers of electrodes
● Compatible with placement machines
Taping packaging available
● Suitable for both reflow and flow soldering
● RoHS compliant
Explanation of Part Numbers
● Low Resistance Tolerance
ERJXG, 1G, 2R, 3E, 6E, 8E, 14, 12, 1T Series ..... ±1 %
ERJ1R, 2R, 3R, 6R Series .............................. ±0.5 %
● Reference Standards
IEC 60115-8, JIS C 5201-8, EIAJ RC-2134B
● ERJ1R, 2R, 3R, 6R Series, ±0.5 % type
■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions
Please see Data Files
Aug. 2012
03
5


Similar Part No. - ERJ2RHD1002V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ2RHD1002V PANASONIC-ERJ2RHD1002V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ2RHD1002V PANASONIC-ERJ2RHD1002V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ2RHD1002V PANASONIC-ERJ2RHD1002V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ2RHD1002V PANASONIC-ERJ2RHD1002V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ2RHD1002V PANASONIC-ERJ2RHD1002V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
More results

Similar Description - ERJ2RHD1002V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-3EKF6800V PANASONIC-ERJ-3EKF6800V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-2RKF1800X PANASONIC-ERJ-2RKF1800X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com