Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6008VH356 Datasheet(PDF) 4 Page - Littelfuse

Part # L6008VH356
Description  8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6008VH356 Datasheet(HTML) 4 Page - Littelfuse

  L6008VH356 Datasheet HTML 1Page - Littelfuse L6008VH356 Datasheet HTML 2Page - Littelfuse L6008VH356 Datasheet HTML 3Page - Littelfuse L6008VH356 Datasheet HTML 4Page - Littelfuse L6008VH356 Datasheet HTML 5Page - Littelfuse L6008VH356 Datasheet HTML 6Page - Littelfuse L6008VH356 Datasheet HTML 7Page - Littelfuse L6008VH356 Datasheet HTML 8Page - Littelfuse L6008VH356 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
78
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Standard Triac
Symbol
Test Conditions
Quadrant
Qxx08x4
Qxx08x5
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
IV
MAX.
TYP.
25
50
50
75
mA
V
GT
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
ALL
MIN.
0.2
V
I
H
I
T = 200mA
MAX.
50
50
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
400V
MIN.
150
V/μs
600V
125
800V
100
1000V
80
(dv/dt)c
(di/dt)c = 4.3 A/ms T
J = 125°C
TYP.
4
4
V/μs
t
gt
I
G = 100mA PW = 15µs IT = 11.3 A(pk)
TYP.
3.0
3.0
μs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)
Symbol
Test Conditions
Quadrant
Qxx08xH3
Qxx08xH4
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
10
35
mA
V
GT
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
I – II – III
MIN.
0.2
V
I
H
I
T = 100mA
MAX.
15
35
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
Qxx08LHy /
Qxx08RHy /
Qxx08NHy
MIN.
400V
75
400
V/μs
600V
50
300
800V
200
1000V
100
Qxx08VHy /
Qxx08DHy
400V
75
450
600V
50
350
800V
250
1000V
150
(dv/dt)c
(di/dt)c = 4.3 A/ms T
J = 125°C
MIN.
20
25
V/μs
t
gt
I
G = 100mA PW = 15µs IT = 11.3 A(pk)
TYP.
4.0
4.0
μs
Note : xx = voltage, x = package, y = sensitivity


Similar Part No. - L6008VH356

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L6008V6 TECCOR-L6008V6 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6008V6 LITTELFUSE-L6008V6 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6008V6 TECCOR-L6008V6 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6008V6 LITTELFUSE-L6008V6 Datasheet
176Kb / 8P
   Sensitive Triacs
L6008V6 LITTELFUSE-L6008V6 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L6008VH356

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com