Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N103M75 Datasheet(PDF) 8 Page - Littelfuse

Part No. 2N103M75
Description  Teccor brand Thyristors 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

 
 8 page
background image
170
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
0.8 Amp Sensitive SCRs
EC103xx & SxSx Series
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
EC103xy / 2N6565
EC103xy / 2N6565
0.19 g
Bulk
2000
EC103xyRP
EC103xy
0.19 g
Reel Pack
2000
EC103xyAP
EC103xy
0.19 g
Ammo Pack
2000
SxSyRP
SxSy
0.08 g
Embossed Carrier
2500
Note: x = Voltage, y = sensitivity
TO-92 (3-lead) Reel Pack (RP) Radial Leaded Specifications
Meets all EIA-468-C Standards
0.708
(18.0)
1.6
(41.0)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
Direction of Feed
Dimensions
are in inches
(and millimeters).
1.97
(50.0)
14.17(360.0)
Flat up
1.26
(32.0)
0.098 (2.5) MAX
Cathode
Anode
Gate
0.354
(9.0)
0.157 DIA
(4.0)
Product Selector
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
800V
1000V
EC103 x 1
X
X
12μA
Sensitive SCR
TO-92
EC103 x 2
X
X
50μA
Sensitive SCR
TO-92
EC103 x
X / 2N6565
X
200μA
Sensitive SCR
TO-92
EC103 x 3
X
X
500μA
Sensitive SCR
TO-92
S x S1
X
X
12μA
Sensitive SCR
Compak
S x S2
X
X
50μA
Sensitive SCR
Compak
S x S
X
X
200μA
Sensitive SCR
Compak
S x S3
X
X
500μA
Sensitive SCR
Compak
Note: x = Voltage




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl