Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N103M375 Datasheet(PDF) 4 Page - Littelfuse

Part # 2N103M375
Description  Teccor brand Thyristors 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2N103M375 Datasheet(HTML) 4 Page - Littelfuse

  2N103M375 Datasheet HTML 1Page - Littelfuse 2N103M375 Datasheet HTML 2Page - Littelfuse 2N103M375 Datasheet HTML 3Page - Littelfuse 2N103M375 Datasheet HTML 4Page - Littelfuse 2N103M375 Datasheet HTML 5Page - Littelfuse 2N103M375 Datasheet HTML 6Page - Littelfuse 2N103M375 Datasheet HTML 7Page - Littelfuse 2N103M375 Datasheet HTML 8Page - Littelfuse 2N103M375 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
166
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
0.8 Amp Sensitive SCRs
EC103xx & SxSx Series
Figure 7: Maximum Allowable Case Temperature
vs. Average On-State Current
Figure 8: Maximum Allowable Ambient Temperature
vs. RMS On-State Current
Figure 9: Maximum Allowable Ambient Temperature
vs. Average On-State Current
65
75
85
95
105
115
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Average On-State Current [I
T(AVE)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
0
20
40
60
80
100
120
0.00.1
0.20.3
0.40.5
0.60.7
0.80.9
1.0
RMS On-State Current [I
T(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
FREE AIR RATING
0
20
40
60
80
100
120
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Average On-State Current [I
T(AVE)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
FREE AIR RATING
Figure 11: Peak Repetitive Sinusoidal Pulse Current
Figure 10: Peak Capacitor Discharge Current
Pulse Current Duration (t
W) -
s
0
20
40
60
80
100
120
140
160
180
110100
1 Hz
12 Hz
60 Hz
I
TRM
t
W
0
20
40
60
80
100
120
140
160
180
110100
Pulse Current Duration (t
W) -
s
1 Hz
12 Hz
60 Hz
I
TM
t
W


Similar Part No. - 2N103M375

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N1034 NJSEMI-2N1034 Datasheet
163Kb / 2P
   JEDEC TO-5
2N1035 NJSEMI-2N1035 Datasheet
163Kb / 2P
   JEDEC TO-5
2N1036 NJSEMI-2N1036 Datasheet
163Kb / 2P
   JEDEC TO-5
2N1037 NJSEMI-2N1037 Datasheet
163Kb / 2P
   JEDEC TO-5
2N1038 NJSEMI-2N1038 Datasheet
148Kb / 1P
   PNP GERMANIUM ALLOY JUNCTION POWER TRANSISTORS
More results

Similar Description - 2N103M375

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com