Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N103D375 Datasheet(PDF) 10 Page - Littelfuse

Part No. 2N103D375
Description  Teccor brand Thyristors 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

 
 10 page
background image
172
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
0.8 Amp Sensitive SCRs
EC103xx & SxSx Series
Part Numbering System (TO-92)
Part Marking System
Part Numbering System (Compak)
Part Marking System (Compak)
TO-92 (E Package)
EC103D1
YMLXX
®
1 75
DEVICE TYPE
EC: TO-92 SCR
xx: Lead Form Option
CURRENT RATING
Lead Form Dimensions
103: 0.8A (TO-92)
VOLTAGE RATING
D: 400V
1: 12
M: 600V
SENSITIVITY & TYPE
EC 103 D
µ
µ
µA
2: 50
µA
A
[blank]: 200
3: 500 A
2N: JEDEC
(JEDEC) 6565: 400V
YMXXX
S6S1
Compak (C Package)
®
1
DEVICE TYPE
S: Compak SCR
CURRENT RATING
S: 0.8A (Compak)
VOLTAGE RATING
4: 400V
1: 12
6: 600V
SENSITIVITY & TYPE
S 6S
µ
µ
µA
2: 50
µA
A
[blank]: 200
3: 500 A




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl