Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1036565275 Datasheet(PDF) 4 Page - Littelfuse

Part No. 2N1036565275
Description  Teccor brand Thyristors 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

 
 4 page
background image
166
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
0.8 Amp Sensitive SCRs
EC103xx & SxSx Series
Figure 7: Maximum Allowable Case Temperature
vs. Average On-State Current
Figure 8: Maximum Allowable Ambient Temperature
vs. RMS On-State Current
Figure 9: Maximum Allowable Ambient Temperature
vs. Average On-State Current
65
75
85
95
105
115
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Average On-State Current [I
T(AVE)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
0
20
40
60
80
100
120
0.00.1
0.20.3
0.40.5
0.60.7
0.80.9
1.0
RMS On-State Current [I
T(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
FREE AIR RATING
0
20
40
60
80
100
120
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Average On-State Current [I
T(AVE)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
FREE AIR RATING
Figure 11: Peak Repetitive Sinusoidal Pulse Current
Figure 10: Peak Capacitor Discharge Current
Pulse Current Duration (t
W) -
s
0
20
40
60
80
100
120
140
160
180
110100
1 Hz
12 Hz
60 Hz
I
TRM
t
W
0
20
40
60
80
100
120
140
160
180
110100
Pulse Current Duration (t
W) -
s
1 Hz
12 Hz
60 Hz
I
TM
t
W




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl