Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP721APP Datasheet(PDF) 6 Page - Littelfuse

Part # SP721APP
Description  SP721 Series 3pF 4kV Diode Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP721APP Datasheet(HTML) 6 Page - Littelfuse

  SP721APP Datasheet HTML 1Page - Littelfuse SP721APP Datasheet HTML 2Page - Littelfuse SP721APP Datasheet HTML 3Page - Littelfuse SP721APP Datasheet HTML 4Page - Littelfuse SP721APP Datasheet HTML 5Page - Littelfuse SP721APP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/24/13
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP721 Series
Part Numbering System
Lead Plating
Matte Tin
Lead Material
Copper Alloy
Lead Coplanarity
0.004 inches (0.102mm)
Substitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL 94 V-0
Product Characteristics
Ordering Information
Package Dimensions — Small Outline Plastic Packages (SOIC)
Notes:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of Publication
Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash,
protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-lead flash and
protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index feature must be
located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above the seating
plane, shall not exceed a maximum value of 0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily
exact.
Package
SOIC
Pins
8
JEDEC
MS-012
Millimeters
Inches
Notes
Min
Max
Min
Max
A
1.35
1.75
0.0532
0.0688
-
A1
0.10
0.25
0.0040
0.0098
-
B
0.33
0.51
0.013
0.020
9
C
0.19
0.25
0.0075
0.0098
-
D
4.80
5.00
0.1890
0.1968
3
E
3.80
4.00
0.1497
0.1574
4
e
1.27 BSC
0.050 BSC
-
H
5.80
6.20
0.2284
0.2440
-
h
0.25
0.50
0.0099
0.0196
5
L
0.40
1.27
0.016
0.050
6
N
8
8
7
µ
-
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
0.25(0.010)B
M
M
NOTES:
1. Symbolsare definedin the “MOSeries SymbolList”in Section2.2 of
PublicationNumber95.
2. Dimensioningand tolerancingper ANSI Y14.5M-1982.
3. Dimension“D”doesnotincludemoldflash,protrusionsorgate burrs.
Moldflash,protrusionandgate burrsshallnotexceed0.15mm(0.006
inch) per side.
4. Dimension“E”does notincludeinterleadflashor protrusions.Inter-
lead flashand protrusionsshallnotexceed 0.25mm(0.010 inch) per
side.
5. The chamferonthebodyis optional.If itis notpresent,a visualindex
featuremustbe locatedwithinthe crosshatchedarea.
6. “L”is the lengthof terminalforsolderingto a substrate.
7. “N”is the numberof terminalpositions.
8. Terminalnumbersare shownforreferenceonly.
9. The lead width“B”,as measured0.36mm(0.014 inch) or greater
above the seating plane, shall not exceed a maximumvalueof
0.61mm(0.024 inch).
10. Controllingdimension:MILLIMETER. Convertedinchdimensions
are notnecessarilyexact.
Part Number
Temp. Range (ºC)
Package
Environmental
Informaton
Marking
Min. Order
SP721APP
-40 to 105
8 Ld PDIP
Lead-free
SP721AP(P) 1
2000
SP721ABG
-40 to 105
8 Ld SOIC
Green
SP721A(B)G 2
1960
SP721ABTG
-40 to 105
8 Ld SOIC Tape
and Reel
Green
SP721A(B)G 2
2500
SP 721
Series
Package
P = Lead Free
TG= Tape and Reel
AB = 8 Ld SOIC
AP = 8 Ld PDIP
G = Green
TVS Diode Arrays
(SPA® Diodes)
** **
Notes:
1. SP721AP(P) means device marking either SP721AP or SP721APP.
2. SP721A(B)G means device marking either SP721AG or SP721ABG which are good for types SP721ABG and SP721ABTG.


Similar Part No. - SP721APP

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP721AP HARRIS-SP721AP Datasheet
176Kb / 6P
   ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Littelfuse
SP721AP LITTELFUSE-SP721AP Datasheet
97Kb / 6P
   Electronic Protection Array for ESD and Overvoltage Protection
More results

Similar Description - SP721APP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP720ABG LITTELFUSE-SP720ABG Datasheet
405Kb / 6P
   SP720 Series 3pF 4kV Rail Clamp Array
logo
Taiwan Semiconductor Co...
TESD5V0V4UCU6 TSC-TESD5V0V4UCU6 Datasheet
462Kb / 6P
   VWM=5V, 3pF ESD Protection Array
logo
Sanken electric
TM2561B-L SANKEN-TM2561B-L Datasheet
52Kb / 2P
   TO-3PF 25A Triac
logo
Littelfuse
SP8008 LITTELFUSE-SP8008 Datasheet
847Kb / 5P
   Series Diode Array
2019 Littelfuse, Inc.
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
   TVS Diode Array Series
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
   TVS Diode Array Series
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
   TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
   TVS Diode Array Series
CD143A-SR70 BOURNS-CD143A-SR70 Datasheet
134Kb / 3P
   Steering Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
   TVS Diode Array Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com