Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S602ES Datasheet(PDF) 1 Page - Littelfuse

Part # S602ES
Description  Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S602ES Datasheet(HTML) 1 Page - Littelfuse

  S602ES Datasheet HTML 1Page - Littelfuse S602ES Datasheet HTML 2Page - Littelfuse S602ES Datasheet HTML 3Page - Littelfuse S602ES Datasheet HTML 4Page - Littelfuse S602ES Datasheet HTML 5Page - Littelfuse S602ES Datasheet HTML 6Page - Littelfuse S602ES Datasheet HTML 7Page - Littelfuse S602ES Datasheet HTML 8Page - Littelfuse S602ES Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
201
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1.5 Amp Sensitive SCRs
Sx02xS Series
A
K
G
Sx02xS Series
Description
Applications
Main Features
Features
New 1.5 Amp sensitive gate SCR series offers high static
dv/dt with low turn off time (tq) through small die planar
construction design. All SCR’s junctions are glass-
passivated to ensure long term reliability and parametric
stability.
The Sx02xS EV series is specifically designed for Gas
Ignition applications that require high pulse surge current
capability.
Symbol
Value
Unit
I
T(RMS)
1.5
A
V
DRM /VRRM
400 to 600
V
I
GT
200
µA
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current
(full sine wave)
TO-92
T
C = 65°C
1.5
A
SOT-223
T
L = 95°C
I
T(AV)
Average on-state current
TO-92
T
C = 65°C
0.95
A
SOT-223
T
C = 95°C
I
TSM
Non repetitive surge peak on-state current
(Single cycle, T
J initial = 25°C)
TO-92
SOT-223
F = 50 Hz
12.5
A
F = 60 Hz
15.0
I2t
I2t Value for fusing
t
p = 10 ms
F = 50 Hz
0.78
A2s
t
p = 8.3 ms
F = 60 Hz
0.93
di/dt
Critical rate of rise of on-state current IG = 10mA
TO-92
SOT-223
T
J = 125°C
50
A/μs
I
GM
Peak gate current
t
p = 10 μs
T
J = 125°C
1.0
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.1
W
T
stg
Storage junction temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Schematic Symbol
• RoHS compliant and
Halogen-Free
• Thru hole and surface
mount packages
• Surge
capability > 15Amps
• Blocking voltage
(V
DRM / VRRM)
capability — up to 600V
• High dv/dt noise immunity
• Improved turn-off
time (tq) < 35 μsec.
• Sensitive gate for direct
microprocessor interface
HF


Similar Part No. - S602ES

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S602ES LITTELFUSE-S602ES Datasheet
224Kb / 8P
   Teccor brand Thyristors
S602ES LITTELFUSE-S602ES Datasheet
389Kb / 8P
   New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
More results

Similar Description - S602ES

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
S802ECS LITTELFUSE-S802ECS Datasheet
1Mb / 6P
   EV Series 1.5 Amp Sensitive SCRs
Revised: 09/04/19
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
   Thyristors EV Series 0.8 Amp Sensitive SCRs
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com