Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZ01D1203A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PZ01D1203A
Description  1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PZ01D1203A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PZ01D1203A Datasheet HTML 1Page - Delta Electronics, Inc. PZ01D1203A Datasheet HTML 2Page - Delta Electronics, Inc. PZ01D1203A Datasheet HTML 3Page - Delta Electronics, Inc. PZ01D1203A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PL01S/D Series
1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
DS_PL01S/D_07192012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 80%
Wide 2:1 lnput Range
Fully regulated Outputs
Operating Temperature Range -40°C to +85°C
Low Ripple and Noise
Isolation Voltage 1500VDC
Short-circuit Protection
Lead free, RoHs Compliant
3 Years Product Warranty
The PL01S/D series are miniature, SIP Package, isolated 1W DC/DC converters with 1,500VDC isolation. It offers continuous
short circuit protection and allows a wide operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the
latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
@Max. Load @No Load
Max. capacitive
Load
Reflected
Ripple
current
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
µF
mA (typ.)
%
PL01S0505A
5
200
263
1680
76
PL01S0512A
12
83
259
820
77
PL01S0515A
15
67
254
680
79
PL01D0512A
±12
±42
262
470*
77
PL01D0515A
5
(4.5 ~ 9)
±15
±33
254
40
330*
80
78
PL01S1205A
5
200
108
1680
77
PL01S1212A
12
83
108
820
77
PL01S1215A
15
67
105
680
80
PL01D1212A
±12
±42
106
470*
79
PL01D1215A
12
(9 ~ 18)
±15
±33
106
20
330*
40
78
PL01S2405A
5
200
54
1680
77
PL01S2412A
12
83
52
820
80
PL01S2415A
15
67
52
680
80
PL01D2412A
±12
±42
53
470*
80
PL01D2415A
24
(18 ~ 36)
±15
±33
52
10
330*
30
80
PL01S4805A
5
200
27
1680
77
PL01S4812A
12
83
27
820
78
PL01S4815A
15
67
27
680
78
PL01D4812A
±12
±42
27
470*
79
PL01D4815A
48
(36 ~ 75)
±15
±33
26
7
3308
20
79
* For each output


Similar Part No. - PZ01D1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PZ01D1203A DELTA-PZ01D1203A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PZ01D1203A DELTA-PZ01D1203A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PZ01D1203A DELTA-PZ01D1203A Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PZ01D1203A DELTA-PZ01D1203A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
PZ01D1203A DELTA-PZ01D1203A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
More results

Similar Description - PZ01D1203A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01 Datasheet
330Kb / 4P
   DC/DC CONVERTER 1W Compact SIP-6 Package Wide 2:1 Input Range
logo
Delta Electronics, Inc.
PH02S DELTA-PH02S Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com