Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0720EBLRP1 Datasheet(PDF) 3 Page - Littelfuse

Part # P0720EBLRP1
Description  SIDACtor Series - TO-92
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0720EBLRP1 Datasheet(HTML) 3 Page - Littelfuse

  P0720EBLRP1 Datasheet HTML 1Page - Littelfuse P0720EBLRP1 Datasheet HTML 2Page - Littelfuse P0720EBLRP1 Datasheet HTML 3Page - Littelfuse P0720EBLRP1 Datasheet HTML 4Page - Littelfuse P0720EBLRP1 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SIDACtor® ProtectionThyristors
160
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (μs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x td Pulse Waveform
25°C
CaseTemperature (T
C) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100 120 140 160
Normalized V
S Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
-8
-40 -20
0
20 40 60 80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
JunctionTemperature (TJ) – °C
25 °C
Soldering Parameters
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Figure 1
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
60-180 secs.
Average ramp up rate (LiquidusTemp (T
L)
to peak)
3°C/sec. Max.
T
S(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
60-150 secs.
PeakTemp (T
P)
Time within 5°C of actual PeakTemp (t
p)
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (T
P)
8 min. Max.
Do not exceed


Similar Part No. - P0720EBLRP1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0720EBL LITTELFUSE-P0720EBL Datasheet
149Kb / 3P
   SIDACtor짰 Device
P0720EBL LITTELFUSE-P0720EBL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
HuaXinAn Electronics CO...
P0720EBL HUAXINAN-P0720EBL Datasheet
390Kb / 7P
   SIDACtor Protection Thyristors
P0720EBL HUAXINAN-P0720EBL Datasheet
617Kb / 7P
   Protection Thyristor
P0720EBL HUAXINAN-P0720EBL Datasheet
285Kb / 6P
   Thyristor Surge Suppressors
More results

Similar Description - P0720EBLRP1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0300EAL LITTELFUSE-P0300EAL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
P3403AAL LITTELFUSE-P3403AAL Datasheet
144Kb / 5P
   SIDACtor Balanced Series - Modified TO-220
logo
Rectron Semiconductor
RL058A RECTRON-RL058A Datasheet
179Kb / 3P
   SIDACTOR
PR058A RECTRON-PR058A Datasheet
172Kb / 3P
   SIDACTOR
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Littelfuse
P2000AA61L LITTELFUSE-P2000AA61L Datasheet
142Kb / 2P
   SIDACtor
logo
Rectron Semiconductor
SMA3100A RECTRON-SMA3100A Datasheet
332Kb / 4P
   SIDACTOR
SMB2300C RECTRON-SMB2300C Datasheet
338Kb / 4P
   SIDACTOR
RLA058A RECTRON-RLA058A Datasheet
266Kb / 4P
   SIDACTOR
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP Datasheet
421Kb / 4P
   Q2L Series SIDACtor Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com