Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA15QS40-1 Datasheet(PDF) 1 Page - Littelfuse

Part # LA15QS40-1
Description  Traditional Semiconductor Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS40-1 Datasheet(HTML) 1 Page - Littelfuse

  LA15QS40-1 Datasheet HTML 1Page - Littelfuse LA15QS40-1 Datasheet HTML 2Page - Littelfuse LA15QS40-1 Datasheet HTML 3Page - Littelfuse LA15QS40-1 Datasheet HTML 4Page - Littelfuse LA15QS40-1 Datasheet HTML 5Page - Littelfuse LA15QS40-1 Datasheet HTML 6Page - Littelfuse LA15QS40-1 Datasheet HTML 7Page - Littelfuse LA15QS40-1 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
POWR-GARD® Fuse Datasheet
Rev: 4-C-080613
1 of 8
TradiTional SemiconducTor FuSeS
150/250/500/600/700 VAC • Very Fast-Acting • 1-1200 A
ampere
raTingS
SerieS ordering number
l15S
l25S
l50S
l60S
Klc
l70S
1
L15S001
L25S001
L60S001
KLC001
2
L15S002
L25S002
L60S002
KLC002
3
L15S003
L25S003
L60S003
KLC003
4
L15S004
L25S004
L60S004
KLC004
5
L15S005
L25S005
L60S005
KLC005
6
L15S006
L25S006
L60S006
KLC006
7
L15S007
KLC007
8
L15S008
L25S008
L60S008
KLC008
9
L15S009
10
L15S010
L25S010
L50S010
L60S010
KLC010
L70S010
12
L15S012
L25S012
L50S012
L60S012
KLC012
15
L15S015
L25S015
L50S015
L60S015
KLC015
L70S015
1712
L60S17.5
KLC17.5
20
L15S020
L25S020
L50S020
L60S020
KLC020
L70S020
25
L15S025
L25S025
L50S025
L60S025
KLC025
L70S025
30
L15S030
L25S030
L50S030
L60S030
KLC030
L70S030
35
L15S035
L25S035
L50S035
L60S035
KLC035
L70S035
40
L15S040
L25S040
L50S040
L60S040
KLC040
L70S040
45
L15S045
L25S045
L60S045
KLC045
50
L15S050
L25S050
L50S050
L60S050
KLC050
L70S050
60
L15S060
L25S060
L50S060
L60S060
KLC060
L70S060
70
L15S070
L25S070
L50S070
L60S070
KLC070
L70S070
80
L15S080
L25S080
L50S080
L60S080
KLC080
L70S080
90
L15S090
L25S090
L50S090
L60S090
KLC090
L70S090
100
L15S100
L25S100
L50S100
L60S100
KLC100
L70S100
110
KLC110
125
L15S125
L25S125
L50S125
L60S125
KLC125
L70S125
150
L15S150
L25S150
L50S150
L60S150
KLC150
L70S150
175
L25S175
L50S175
L60S175
KLC175
L70S175
200
L15S200
L25S200
L50S200
L60S200
KLC200
L70S200
225
L25S225
L50S225
L60S225
KLC225
L70S225
250
L15S250
L25S250
L50S250
L60S250
KLC250
L70S250
275
L25S275
L50S275
300
L15S300
L25S300
L50S300
L60S300
KLC300
L70S300
350
L15S350
L25S350
L50S350
L60S350
KLC350
L70S350
400
L15S400
L25S400
L50S400
L60S400
KLC400
L70S400
450
L15S450
L25S450
L50S450
L60S450
KLC450
L70S450
500
L15S500
L25S500
L50S500
L60S500
KLC500
L70S500
550
L50S550
600
L15S600
L25S600
L50S600
L60S600
KLC600
L70S600
700
L25S700
L50S700
L60S700
KLC700
L70S700
800
L15S800
L25S800
L50S800
L60S800
KLC800
L70S800
900
LA50P9004
LA70P9004
1000
L15S1000
LA50P10004
LA70P10004
1200
LA50P12004
LA70P12004
KLC series fuses are recommended for replacement use only.
Specifications
Voltage Ratings
L15S:
150 VAC/DC (1 – 60 A)
150 VAC (70 – 1000 A)
100 VDC (70 – 1000 A)
L25S:
250 VAC/DC (1 – 200 A)
250 VAC (225 – 800 A)
200 VDC (225 – 800 A)
L50S:
500 VAC/450 VDC
L60S:
600 VAC
KLC:
600 VAC
L70S:
700 VAC/650 VDC
L25S series fuses are Littelfuse Certified for DC ratings
shown in Rating Table.
Interrupting Rating
AC:
200 kA rms
(L15S series 100 kA)
DC:
20 kA
Ampere Range 1 – 1200 A See Rating Table for
ratings available in each series.
Approvals
UL Recognized (File: E71611)
CSA Recognized (File: LR29862)
Recommended Fuse Holders
1LFS101/1LFS102
LSCR001/LSCR002
Web Resources
For additional information, visit:
littelfuse.com/semi
Ordering Information


Similar Part No. - LA15QS40-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA15QS40-1 LITTELFUSE-LA15QS40-1 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS40-1 LITTELFUSE-LA15QS40-1 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LA15QS40-1 LITTELFUSE-LA15QS40-1 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
More results

Similar Description - LA15QS40-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L15S1 LITTELFUSE-L15S1 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LSCR LITTELFUSE-LSCR Datasheet
310Kb / 4P
   Semiconductor Fuses
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com