Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6315US38D4-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6315US38D4-T
Description  Open-Drain SOT μP Reset Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6315US38D4-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6315US38D4-T Datasheet HTML 1Page - Maxim Integrated Products MAX6315US38D4-T Datasheet HTML 2Page - Maxim Integrated Products MAX6315US38D4-T Datasheet HTML 3Page - Maxim Integrated Products MAX6315US38D4-T Datasheet HTML 4Page - Maxim Integrated Products MAX6315US38D4-T Datasheet HTML 5Page - Maxim Integrated Products MAX6315US38D4-T Datasheet HTML 6Page - Maxim Integrated Products MAX6315US38D4-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Open-Drain SOT µP Reset Circuit
6
_______________________________________________________________________________________
___________________________________________Ordering Information (continued)
PART
NOMINAL
VTH (V)
MIN tRP
(ms)
TOP
MARK††
MAX6315US50D3-T
5.00
140
HX_ _
MAX6315US49D3-T
4.90
140
HY_ _
MAX6315US48D3-T
4.80
140
HZ_ _
MAX6315US47D3-T
4.70
140
IA_ _
MAX6315US46D3-T†††
4.63
140
IB_ _
MAX6315US45D3-T
4.50
140
IC_ _
MAX6315US44D3-T†††
4.39
140
ID_ _
MAX6315US43D3-T
4.30
140
IE_ _
MAX6315US42D3-T
4.20
140
IF_ _
MAX6315US41D3-T
4.10
140
IG_ _
MAX6315US40D3-T
4.00
140
IH_ _
MAX6315US39D3-T
3.90
140
II_ _
MAX6315US38D3-T
3.80
140
IJ_ _
MAX6315US37D3-T
3.70
140
IK_ _
MAX6315US36D3-T
3.60
140
IL_ _
MAX6315US35D3-T
3.50
140
IM_ _
MAX6315US34D3-T
3.40
140
IN_ _
MAX6315US33D3-T
3.30
140
IO_ _
MAX6315US32D3-T
3.20
140
IP_ _
MAX6315US31D3-T†††
3.08
140
IQ_ _
MAX6315US30D3-T
3.00
140
IR_ _
MAX6315US29D3-T†††
2.93
140
IS_ _
JW_ _
1120
2.50
MAX6315US25D4-T
JV_ _
1120
2.63
MAX6315US26D4-T†††
JU_ _
1120
2.70
MAX6315US27D4-T
JT_ _
1120
2.80
MAX6315US28D4-T
JS_ _
1120
2.93
MAX6315US29D4-T
JR_ _
1120
3.00
MAX6315US30D4-T
JQ_ _
1120
3.08
MAX6315US31D4-T
JP_ _
1120
3.20
MAX6315US32D4-T
JO_ _
1120
3.30
MAX6315US33D4-T
JN_ _
1120
3.40
MAX6315US34D4-T
JM_ _
1120
3.50
MAX6315US35D4-T
JL_ _
1120
3.60
MAX6315US36D4-T
JK_ _
1120
3.70
MAX6315US37D4-T
JJ_ _
1120
3.80
MAX6315US38D4-T
JI_ _
1120
3.90
MAX6315US39D4-T
JH_ _
1120
4.00
MAX6315US40D4-T
JG_ _
1120
4.10
MAX6315US41D4-T
JF_ _
1120
4.20
MAX6315US42D4-T
JE_ _
1120
4.30
MAX6315US43D4-T
JD_ _
1120
4.39
MAX6315US44D4-T†††
JC_ _
1120
4.50
MAX6315US45D4-T
JB_ _
1120
4.63
MAX6315US46D4-T
TOP
MARK††
MIN tRP
(ms)
NOMINAL
VTH (V)
PART
The MAX6315 is available in a SOT143 package, -40°C to +125°C temperature range.
††The first two letters in the package top mark identify the part, while the remaining two letters are the lot tracking code.
†††Sample stocks generally held on the bolded products; also, the bolded products have 2,500 piece minimum-order quantities.
Non-bolded products have 10,000 piece minimum-order quantities. Contact factory for details.
Devices are available in both leaded and lead-free packaging. Specify lead-free by replacing “-T” with “+T” when ordering.
Note: All devices available in tape-and-reel only. Contact factory for availability.
JA_ _
1120
4.70
MAX6315US47D4-T
IX_ _
IY_ _
IZ_ _
1120
1120
1120
5.00
4.90
4.80
MAX6315US48D4-T
MAX6315US49D4-T
MAX6315US50D4-T
MAX6315US28D3-T
2.80
140
IT_ _
MAX6315US27D3-T
2.70
140
IU_ _
MAX6315US26D3-T†††
2.63
140
IV_ _
MAX6315US25D3-T
2.50
140
IW_ _


Similar Part No. - MAX6315US38D4-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6315US38D4-T MAXIM-MAX6315US38D4-T Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
More results

Similar Description - MAX6315US38D4-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
   Open-Drain UP Reset Circuit
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6394 MAXIM-MAX6394 Datasheet
849Kb / 8P
   High-Accuracy μP Reset Circuit
Rev 5; 12/19
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com