Electronic Components Datasheet Search |
|
DZ06D2403A Datasheet(PDF) 3 Page - Delta Electronics, Inc. |
|
DZ06D2403A Datasheet(HTML) 3 Page - Delta Electronics, Inc. |
3 / 4 page DS_PD01S/D_03152012 E-mail: DCDC@delta.com.tw http://www.delta.com.tw/dcdc Power Derating Curve (3.3V, 5V & ±5V} (all other output) Notes 1 Specifications typical at Ta=+25 ℃, resistive load, nominal input voltage and rated output current unless otherwise noted. 2 Ripple & Noise measurement bandwidth is 0-20MHz. 3 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however they may not meet all specifications listed. 4 All DC/DC converters should be externally fused at the front end for protection. 5 Specifications subject to change without notice. Mechancial Drawing Mechanical Dimensions Pin Connections Pin Single Output Dual Output 1 +Vin +Vin 2 -Vin -Vin 5 -Vout -Vout 6 No Pin Common 7 +Vout +Vout 5V&12V Input : T: 6.1mm(0.24 inch) 15V&24V Input: T: 7.1mm(0.28 inch) ►All dimensions in mm (inches) ►Tolerance: X.X±0.25 (X.XX±0.01) X.XX±0.13 ( X.XXX±0.005) ► Pins ±0.05(±0.002) Physical Outline Case Size (5V&12V Input) : 19.5x6.1x10.2mm (0.77x0.24x0.40 Inches) Case Size(15V&24V Input) : 19.5x7.1x10.2mm (0.77x0.28x0.40 Inches) Case Material Non-Conductive Black Plastic (flammability to UL 94V-0 rated) : Weight (5V&12V Input) : 2.2g Weight (15V&24V Input) : 2.6g P3 19.5 [0.77] 0.50 [0.02] Bottom View 18.5 [0.73] 2.54 [0.10] 7.62 [0.30] 2X2.54 [2X0.10] 2.35 [0.09] 0.5 [0.02] 12 7 56 |
Similar Part No. - DZ06D2403A |
|
Similar Description - DZ06D2403A |