Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SP12003NNFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # S48SP12003NNFA
Description  Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP12003NNFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button S48SP12003NNFA Datasheet HTML 3Page - Delta Electronics, Inc. S48SP12003NNFA Datasheet HTML 4Page - Delta Electronics, Inc. S48SP12003NNFA Datasheet HTML 5Page - Delta Electronics, Inc. S48SP12003NNFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SP12003NNFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SP12003NNFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SP12003NNFA Datasheet HTML 9Page - Delta Electronics, Inc. S48SP12003NNFA Datasheet HTML 10Page - Delta Electronics, Inc. S48SP12003NNFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS_S48SP12003_10252013
7
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the DC/DC
power modules will interact with the modules and affect the
stability. A low ac-impedance input source is recommended.
If the source inductance is more than a few µH, we advise
adding a 10 to 100 µF electrolytic capacitor (ESR < 0.7 Ω at
100 kHz) mounted close to the input of the module to
improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate in a
wide variety of systems and applications. For design
assistance with EMC compliance and related PWB layout
issues, please contact Delta’s technical support team. An
external input filter module is available for easier EMC
compliance design. Application notes to assist designers
in addressing these issues are pending to release.
Safety Considerations
The power module must be installed in compliance with the
spacing and separation requirements of the end-user’s
safety agency standard, i.e., UL60950, CAN/CSA-C22.2 No.
60950-00 and EN60950:2000 and IEC60950-1999, if the
system in which the power module is to be used must meet
safety agency requirements.
Basic insulation based on 75 Vdc input is provided between
the input and output of the module for the purpose of
applying insulation requirements when the input to this
DC-to-DC converter is identified as TNV-2 or SELV. An
additional evaluation is needed if the source is other than
TNV-2 or SELV.
When the input source is SELV circuit, the power module
meets SELV (safety extra-low voltage) requirements. If the
input source is a hazardous voltage which is greater than 60
Vdc and less than or equal to 75 Vdc, for the module’s
output to meet SELV requirements, all of the following must
be met:
The input source must be insulated from the ac
mains by reinforced or double insulation.
The input terminals of the module are not operator
accessible.
If the metal baseplate is grounded, one Vi pin and
one Vo pin shall also be grounded.
A SELV reliability test is conducted on the system
where the module is used, in combination with the
module, to ensure that under a single fault,
hazardous voltage does not appear at the module’s
output.
When installed into a Class II equipment (without
grounding), spacing consideration should be given to the
end-use installation, as the spacing between the module
and mounting surface have not been evaluated.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
This power module is not internally fused. To achieve
optimum safety and system protection, an input line fuse
is highly recommended. The safety agencies require a
fuse with 3A maximum rating to be installed in the
ungrounded lead. A lower rated fuse can be used based
on the maximum inrush transient energy and maximum
input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes electrical
testing. Inadequate cleaning and/or drying may lower the
reliability of a power module and severely affect the
finished circuit board assembly test. Adequate cleaning
and/or drying is especially important for un-encapsulated
and/or open frame type power modules. For assistance on
appropriate soldering and cleaning procedures, please
contact Delta’s technical support team.


Similar Part No. - S48SP12003NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP12003NRFA DELTA-S48SP12003NRFA Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   SMD and Through-hole versions
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
449Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
More results

Similar Description - S48SP12003NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SR12006 DELTA-E48SR12006 Datasheet
795Kb / 13P
   Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com