Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T48SR3R307NNFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # T48SR3R307NNFA
Description  Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

T48SR3R307NNFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button T48SR3R307NNFA Datasheet HTML 4Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 5Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 6Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 7Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 8Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 9Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 10Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 11Page - Delta Electronics, Inc. T48SR3R307NNFA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DS_ T48SR05005_09282012
9
FEATURES DESCRIPTIONS (CON.)
This limit includes any increase in voltage due to
remote sense compensation and output voltage set
point adjustment (trim).
Vi(-)
Vi(+)
Vo(-)
Vo(+)
Sense(+)
Sense(-)
Resistance
Contact
Contact and Distribution
Losses
Figure 20: Effective circuit configuration for remote sense
operation
If the remote sense feature is not used to regulate the
output at the point of load, please connect SENSE(+) to
Vo(+) and SENSE(–) to Vo(–) at the module.
The output voltage can be increased by both the
remote sense and the trim; however, the maximum
increase is the larger of either the remote sense or the
trim, not the sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power does not exceed the maximum rated
power.
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and the SENSE(+) or
SENSE(-). The TRIM pin should be left open if this
feature is not used.
Figure 21: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig.18). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:
()
=
K
down
Rtrim
2
.
10
511
Ex. When Trim-down -20 %( 5V×0.8=4V)
()
=
=
K
down
Rtrim
4
.
15
2
.
10
20
511
Figure 22: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 19). The external resistor value required to obtain
a percentage output voltage change △% is defined
as:
Rtrim_up
1.575
103
×
10.64
+

K
Ex. When Trim-up +10%(5V×1.1=5.5V)
Rtrim_up
1.575
103
×
10
10.64
+
168.14 K
()
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.


Similar Part No. - T48SR3R307NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
433Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules:
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
439Kb / 12P
   Fixed frequency operation
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
433Kb / 12P
   UL/cUL 60950-1 (US & Canada) recognized
More results

Similar Description - T48SR3R307NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
433Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules:
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
H48SA48003PNH DELTA-H48SA48003PNH Datasheet
523Kb / 13P
   Delphi Series H48SA, 150W Half Brick Family DC/DC Power Modules: 36~75V in, 48V/3.2A out
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
Q48SA52001NNFA DELTA-Q48SA52001NNFA Datasheet
372Kb / 12P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules: 36~75V in, 52V/1.15A out
Q48SK12025NRFA DELTA-Q48SK12025NRFA Datasheet
404Kb / 13P
   Delphi Series Q48SK, Quarter Brick Family DC/DC Power Modules: 36~75V in, 12V/25A out, 300W
Q48SA54001NNFH DELTA-Q48SA54001NNFH Datasheet
576Kb / 13P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules: 36~75V in, 54V/1.5A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com