Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SP12003NRFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # S48SP12003NRFA
Description  Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP12003NRFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button S48SP12003NRFA Datasheet HTML 4Page - Delta Electronics, Inc. S48SP12003NRFA Datasheet HTML 5Page - Delta Electronics, Inc. S48SP12003NRFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SP12003NRFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SP12003NRFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SP12003NRFA Datasheet HTML 9Page - Delta Electronics, Inc. S48SP12003NRFA Datasheet HTML 10Page - Delta Electronics, Inc. S48SP12003NRFA Datasheet HTML 11Page - Delta Electronics, Inc. S48SP12003NRFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DS_S48SP12003_10252013
8
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for an
unlimited duration during output overload. If the output
current exceeds the OCP set point, the modules will
automatically shut down, and enter hiccup mode or latch
mode, which is optional.
For hiccup mode, the module will try to restart after
shutdown. If the overload condition still exists, the module
will shut down again. This restart trial will continue until
the overload condition is corrected.
For latch mode, the module will latch off once it shutdown.
The latch is reset by either cycling the input power or by
toggling the on/off signal for one second.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the
output terminals. If this voltage exceeds the over-voltage
set point, the module will shut down, and enter hiccup
mode or latch mode, which is optional.
For hiccup mode, the module will try to restart after
shutdown. If the overload condition still exists, the module
will shut down again. This restart trial will continue until
the overload condition is corrected.
For latch mode, the module will latch off once it shutdown.
The latch is reset by either cycling the input power or by
toggling the on/off signal for one second.
Over-Temperature Protection
The over-temperature protection consists of circuitry that
provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold the
module will shut down, and enter hiccup mode or latch
mode, which is optional.
For hiccup mode, the module will try to restart after
shutdown. If the overload condition still exists, the module
will shut down again. This restart trial will continue until
the overload condition is corrected.
For latch mode, the module will latch off once it shutdown.
The latch is reset by either cycling the input power or by
toggling the on/off signal for one second.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the module
on during a logic low and off during a logic high. Positive
logic turns the modules on during a logic high and off
during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not
used, please short the on/off pin to Vi(-). For positive
logic if the remote on/off feature is not used, please
leave the on/off pin floating.
Vi(+)
Vi(-)
ON/OFF
Vo(+)
Trim
Vo(-)
R
Load
Vi(+)
Vi(-)
ON/OFF
Vo(+)
Trim
Vo(-)
R
Load
Figure 16: Remote on/off implementation


Similar Part No. - S48SP12003NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP12003NRFA DELTA-S48SP12003NRFA Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
More results

Similar Description - S48SP12003NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SR12006 DELTA-E48SR12006 Datasheet
795Kb / 13P
   Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com