Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SP05007PNFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # S48SP05007PNFA
Description  Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP05007PNFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button S48SP05007PNFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SP05007PNFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SP05007PNFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SP05007PNFA Datasheet HTML 9Page - Delta Electronics, Inc. S48SP05007PNFA Datasheet HTML 10Page - Delta Electronics, Inc. S48SP05007PNFA Datasheet HTML 11Page - Delta Electronics, Inc. S48SP05007PNFA Datasheet HTML 12Page - Delta Electronics, Inc. S48SP05007PNFA Datasheet HTML 13Page - Delta Electronics, Inc. S48SP05007PNFA Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DS_S48SP05007_10252013
10
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 19: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the module. To
enhance system reliability, the power module should always be
operated below the maximum operating temperature. If the
temperature exceeds the maximum module temperature,
reliability of the unit may be affected.
THERMAL CURVES
Figure 20: Hot spot temperature measured point
*The allowed maximum hot spot temperature is defined at 111℃
S48SP05007(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Either Orientation)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
100LFM
600LFM
300LFM
400LFM
500LFM
200LFM
Ambient Temperature
Output Current(A)
Figure 21: Output current vs. ambient temperature and air velocity
@Vin=48V (Either Orientation)


Similar Part No. - S48SP05007PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP05007 DELTA-S48SP05007 Datasheet
449Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
S48SP05007NRFA DELTA-S48SP05007NRFA Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
448Kb / 14P
   SMD and Through-hole versions
More results

Similar Description - S48SP05007PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
472Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 5V, 17A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SC05015NRFA DELTA-E48SC05015NRFA Datasheet
471Kb / 15P
   Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com