Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SP05007ERFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # S48SP05007ERFA
Description  Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP05007ERFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button S48SP05007ERFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 9Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 10Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 11Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 12Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 13Page - Delta Electronics, Inc. S48SP05007ERFA Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS_S48SP05007_10252013
11
PICK AND PLACE LOCATION
SURFACE-MOUNT TAPE & REEL
RECOMMENDED PAD LAYOUT (SMD)


Similar Part No. - S48SP05007ERFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP05007 DELTA-S48SP05007 Datasheet
449Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
S48SP05007NRFA DELTA-S48SP05007NRFA Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
448Kb / 14P
   SMD and Through-hole versions
More results

Similar Description - S48SP05007ERFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
472Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 5V, 17A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SC05015NRFA DELTA-E48SC05015NRFA Datasheet
471Kb / 15P
   Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com