Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA04D0503A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PA04D0503A
Description  2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PA04D0503A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PA04D0503A Datasheet HTML 1Page - Delta Electronics, Inc. PA04D0503A Datasheet HTML 2Page - Delta Electronics, Inc. PA04D0503A Datasheet HTML 3Page - Delta Electronics, Inc. PA04D0503A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS_PH02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Part Numbering System
P
H
02
S
24
05
A
Form factor
Family series
Watt
Number of
Outputs
Input Voltage
Output Voltage
Option Code
D-DIP
A~Z
01:1W
S - Single
03:3.3V
03:3.3V
A - Std. Functions
P-SIP
02:2W
D- Dual
05: 5V
05: 5V
S-SMD
03:3W
12:12V
12:12V
04:4W
24: 24V
15: 15V
06:6W
48:48V
24: 24V
WARRANTY
Delta offers a three (3) years limited warranty. Complete warranty information is listed on our web site or is available upon request from
Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any
infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.
P4


Similar Part No. - PA04D0503A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PA04D0503A DELTA-PA04D0503A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PA04D0503A DELTA-PA04D0503A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PA04D0503A DELTA-PA04D0503A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
PA04D0503A DELTA-PA04D0503A Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PA04D0503A DELTA-PA04D0503A Datasheet
197Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
More results

Similar Description - PA04D0503A

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D200RU MPD-D200RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
logo
Delta Electronics, Inc.
DB02S0503A DELTA-DB02S0503A Datasheet
208Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
PL01S DELTA-PL01S Datasheet
197Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
logo
List of Unclassifed Man...
D221RW ETC1-D221RW Datasheet
70Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
D200RW MPD-D200RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com