Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF5484CZP200 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCF5484CZP200
Description  MCF548x ColdFire짰 Microprocessor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5484CZP200 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF5484CZP200 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5484CZP200 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Freescale Semiconductor
Data Sheet
Document Number: MCF5485EC
Rev. 4, 12/2007
© Freescale Semiconductor, Inc., 2007. All rights reserved.
MCF548x
TEPBGA–388
27 mm x 27 mm
Features list:
• ColdFire V4e Core
– Limited superscalar V4 ColdFire processor core
– Up to 200MHz peak internal core frequency (308 MIPS
[Dhrystone 2.1] @ 200 MHz)
– Harvard architecture
– 32-Kbyte instruction cache
– 32-Kbyte data cache
– Memory Management Unit (MMU)
– Separate, 32-entry, fully-associative instruction and
data translation lookahead buffers
– Floating point unit (FPU)
– Double-precision conforms to IEE-754 standard
– Eight floating point registers
• Internal master bus (XLB) arbiter
– High performance split address and data transactions
– Support for various parking modes
• 32-bit double data rate (DDR) synchronous DRAM
(SDRAM) controller
– 66–133 MHz operation
– Supports DDR and SDR DRAM
– Built-in initialization and refresh
– Up to four chip selects enabling up to one GB of external
memory
• Version 2.2 peripheral component interconnect (PCI) bus
– 32-bit target and initiator operation
– Support for up to five external PCI masters
– 33–66 MHz operation with PCI bus to XLB divider
ratios of 1:1, 1:2, and 1:4
• Flexible multi-function external bus (FlexBus)
– Provides a glueless interface to boot flash/ROM,
SRAM, and peripheral devices
– Up to six chip selects
– 33 – 66 MHz operation
• Communications I/O subsystem
– Intelligent 16 channel DMA controller
– Up to two 10/100 Mbps fast Ethernet controllers (FECs)
each with separate 2-Kbyte receive and transmit FIFOs
– Universal serial bus (USB) version 2.0 device controller
– Support for one control and six programmable
endpoints, interrupt, bulk, or isochronous
– 4-Kbytes of shared endpoint FIFO RAM and 1 Kbyte
of endpoint descriptor RAM
– Integrated physical layer interface
– Up to four programmable serial controllers (PSCs) each
with separate 512-byte receive and transmit FIFOs for
UART, USART, modem, codec, and IrDA 1.1 interfaces
–I2C peripheral interface
– Two FlexCAN controller area network 2.0B controllers
each with 16 message buffers
– DMA Serial Peripheral Interface (DSPI)
• Optional Cryptography accelerator module
– Execution units for:
– DES/3DES block cipher
– AES block cipher
– RC4 stream cipher
– MD5/SHA-1/SHA-256/HMAC hashing
– Random Number Generator
• 32-Kbyte system SRAM
– Arbitration mechanism shares bandwidth between
internal bus masters
• System integration unit (SIU)
– Interrupt controller
– Watchdog timer
– Two 32-bit slice timers alarm and interrupt generation
– Up to four 32-bit general-purpose timers, compare, and
PWM capability
– GPIO ports multiplexed with peripheral pins
• Debug and test features
– ColdFire background debug mode (BDM) port
– JTAG/ IEEE 1149.1 test access port
• PLL and clock generator
– 30 to 66.67 MHz input frequency range
• Operating Voltages
– 1.5V internal logic
– 2.5V DDR SDRAM bus I/O
– 3.3V PCI, FlexBus, and all other I/O
• Estimated power consumption
– Less than 1.5W (388 PBGA)
MCF548x ColdFire®
Microprocessor
Supports MCF5480, MCF5481,
MCF5482, MCF5483, MCF5484, and
MCF5485


Similar Part No. - MCF5484CZP200

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5484 FREESCALE-MCF5484 Datasheet
790Kb / 28P
   Microprocessor Electrical Characteristics
MCF5484 FREESCALE-MCF5484 Datasheet
496Kb / 28P
   Microprocessor Electrical Characteristics
MCF5484 FREESCALE-MCF5484 Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5484 FREESCALE-MCF5484 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5484 NXP-MCF5484 Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
More results

Similar Description - MCF5484CZP200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X_07 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
   ColdFire짰 Microprocessor
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5272 FREESCALE-MCF5272 Datasheet
6Mb / 544P
   ColdFire짰 Integrated Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com