Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

342014 Datasheet(PDF) 1 Page - Littelfuse

Part # 342014
Description  Traditional Panel Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

342014 Datasheet(HTML) 1 Page - Littelfuse

  342014 Datasheet HTML 1Page - Littelfuse 342014 Datasheet HTML 2Page - Littelfuse 342014 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
474
www .littelfuse .com
Fuseholders
For 3AG Fuses
Traditional Panel Mount Type
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories and Certified by CSA.
SPECIFICATIONS:
Electrical: Rated at 20 amperes for any voltage up to 250 volts.
Dielectric Strength: 2400 volts minimum.
Mounting: Withstands 15 lb.-in. mounting torque;
maximum panel thickness: .187".
Molded Parts: Black thermoplastic (UL 94V0).
Knob: Bayonet style with lettering.
Terminals: Copper & copper alloy. Tin plated, except 1/4" Quick-Connect
terminals are nickel plated.
Ambient Temperature: – 40°C to +85°C.
FUSEHOLDERS TO MIL SPEC:1 See Military Section.
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
342 000 Series
®
®
QPL
ORDERING INFORMATION:
Catalog Number
Fluted
Knurled
Type of
Knob
Knob
Terminal
342 014
342 012
Solder
342 038
342 058
3
/16" Q.C.
342 838
342 858
1
/4" Q.C.
Knurled knob shown. Fluted knob also
available. See table below.
.085" X .12"
HOLE
.78"
1"
.7"
1"
.020"
.78"
1"
.032"
.63"
.14" DIA. HOLE
.502"
.510"
.187"
.475"
.480"
.69"
DIA.
.69"
HEX
FLATS
.250"
.69"
DIA.
TYP.
.56"
.69" DIA.
.59"
DETENT
.06" DIA.HOLE
.45"
FLATS
TYP.
ORDERING INFORMATION:
Catalog Number
Fluted
Knurled
Type of
Knob
Knob
Terminal
342 004
342 022
Solder
342 028
342 048
3
/16" Q.C.
342 828
342 848
1
/4" Q.C.
Fluted knob shown. Knurled knob also
available. See table below.
Right Angle Terminal
342 000 Series
.7"
.11" DIA.
.090" X .12"
HOLE
1.31"
.78"
1"
.3"
.7"
1"
.4"
.020"
.032"
.502"
.510"
.45"
FLATS
TYP.
.69"
HEX
FLATS
.475"
.480"
Straight Bottom Terminal
Pb
RoHS


Similar Part No. - 342014

ManufacturerPart #DatasheetDescription
logo
Littelfuse
342014 LITTELFUSE-342014 Datasheet
104Kb / 1P
   Fuseholders - For 3AG Fuses
More results

Similar Description - 342014

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN731 SILABS-AN731 Datasheet
1Mb / 8P
   REPLACING TRADITIONAL OPTO-DRIVERS
logo
Littelfuse
L15S001 LITTELFUSE-L15S001 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
02450001H LITTELFUSE-02450001H Datasheet
123Kb / 1P
   Shock-Safe Panel Mount Type
logo
List of Unclassifed Man...
NC3MP-B ETC2-NC3MP-B Datasheet
100Kb / 4P
   Smallest available traditional style metal panel mount connector with large solder cups for ease hard wiring.
logo
Littelfuse
03452HS1H LITTELFUSE-03452HS1H Datasheet
112Kb / 2P
   International Shock-Safe Panel Mount Type
logo
Cooper Bussmann, Inc.
HPF COOPER-HPF Datasheet
55Kb / 1P
   Panel-Mount Fuseholder with Screw-type Knob
logo
Littelfuse
L25S LITTELFUSE-L25S Datasheet
608Kb / 11P
   L25S SERIES TRADITIONAL HIGH-SPEED
Rev: 050319
L15S LITTELFUSE-L15S Datasheet
680Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED
Rev: 041819
logo
Cooper Bussmann, Inc.
HPS COOPER-HPS Datasheet
95Kb / 1P
   Panel-Mount Fuseholder with Bayonet-type Knob
logo
TE Connectivity Ltd
AP150X TEC-AP150X Datasheet
404Kb / 1P
   KILOVAC 270 Vdc Traditional Aerospace Contactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com