Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

342848 Datasheet(PDF) 3 Page - Littelfuse

Part # 342848
Description  Traditional Panel Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

342848 Datasheet(HTML) 3 Page - Littelfuse

  342848 Datasheet HTML 1Page - Littelfuse 342848 Datasheet HTML 2Page - Littelfuse 342848 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
476
www .littelfuse .com
Fuseholders
For 3AG Fuses
Watertight Panel Mount Type
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories.
SPECIFICATIONS:
Electrical: Rated at 20 amperes for any voltage up to 250 volts.
Dielectric Strength: 1500 volts minimum.
Mounting: Withstands 15 lb.-in. mounting torque; maximum panel
thickness is .250".
Molded Parts: Black thermoset (UL 94V0).
Knob: Screw type.
Seal: O-ring provides a watertight seal on the front side of the panel
per MIL-PRF-19207.
Terminals: Copper & copper alloy. Tin plated. Solder type.
Ambient Temperature: – 40°C to +85°C.
Hardware: O-rings (2) and hex nut, unassembled.
FUSEHOLDERS TO MIL SPEC: See Military Section.
ORDERING INFORMATION:
Catalog Number: 342 006
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
RF Shielded/Watertight Panel Mount Type
Radio frequency shielded fuseholders eliminate possible transmission or
reception of RF signals through the hole in the chassis in which the fuse-
holder is mounted. These fuseholders comply with the watertight con-
struction requirement of MIL-PRF-19207 and the Shock-Safe require-
ments of IEC 60065 and 60127-6. A rubber O-ring and conductive gas-
ket maintain RF shielding and watertight construction.
SPECIFICATIONS: The basic fuseholder used is the
345 603 Shock-Safe holder.
ORDERING INFORMATION:
Catalog
Brass Shielding
Number
Cap Finish
340 312
Nickel plated
340 313
Dull Black
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
340 300 Series
®
QPL
QPL
2.35" MAX.
.88"
DIA.
.17"
MAX.
CAP
O-RING
R.F.I. GASKET
KEEP CHAIN
1"
MAX.
.460"
.465"
.475"
.480"
.500"
.505"
MOUNTING HOLES
.625"
.635"
.81"
.94"
DIA.
.12" DIA.
HOLES
1.3 "
.81
"
.570"
.575"
MOUNTING HOLE


Similar Part No. - 342848

ManufacturerPart #DatasheetDescription
logo
Littelfuse
342848 LITTELFUSE-342848 Datasheet
104Kb / 1P
   Fuseholders - For 3AG Fuses
More results

Similar Description - 342848

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN731 SILABS-AN731 Datasheet
1Mb / 8P
   REPLACING TRADITIONAL OPTO-DRIVERS
logo
Littelfuse
L15S001 LITTELFUSE-L15S001 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
02450001H LITTELFUSE-02450001H Datasheet
123Kb / 1P
   Shock-Safe Panel Mount Type
logo
List of Unclassifed Man...
NC3MP-B ETC2-NC3MP-B Datasheet
100Kb / 4P
   Smallest available traditional style metal panel mount connector with large solder cups for ease hard wiring.
logo
Littelfuse
03452HS1H LITTELFUSE-03452HS1H Datasheet
112Kb / 2P
   International Shock-Safe Panel Mount Type
logo
Cooper Bussmann, Inc.
HPF COOPER-HPF Datasheet
55Kb / 1P
   Panel-Mount Fuseholder with Screw-type Knob
logo
Littelfuse
L25S LITTELFUSE-L25S Datasheet
608Kb / 11P
   L25S SERIES TRADITIONAL HIGH-SPEED
Rev: 050319
L15S LITTELFUSE-L15S Datasheet
680Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED
Rev: 041819
logo
Cooper Bussmann, Inc.
HPS COOPER-HPS Datasheet
95Kb / 1P
   Panel-Mount Fuseholder with Bayonet-type Knob
logo
TE Connectivity Ltd
AP150X TEC-AP150X Datasheet
404Kb / 1P
   KILOVAC 270 Vdc Traditional Aerospace Contactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com