Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6864UK31D3S Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6864UK31D3S
Description  Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6864UK31D3S Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6864UK31D3S Datasheet HTML 7Page - Maxim Integrated Products MAX6864UK31D3S Datasheet HTML 8Page - Maxim Integrated Products MAX6864UK31D3S Datasheet HTML 9Page - Maxim Integrated Products MAX6864UK31D3S Datasheet HTML 10Page - Maxim Integrated Products MAX6864UK31D3S Datasheet HTML 11Page - Maxim Integrated Products MAX6864UK31D3S Datasheet HTML 12Page - Maxim Integrated Products MAX6864UK31D3S Datasheet HTML 13Page - Maxim Integrated Products MAX6864UK31D3S Datasheet HTML 14Page - Maxim Integrated Products MAX6864UK31D3S Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Nanopower µP Supervisory Circuits with
Manual Reset and Watchdog Timer
______________________________________________________________________________________
11
Detailed Description
RESET/RESET Output
A µP’s reset input starts the µP in a known state. The
MAX6854/MAX6855/MAX6856/MAX6858/MAX6860–
MAX6869 µP supervisory circuits assert a reset to prevent
code-execution errors during power-up, power-down, and
brownout conditions. The MAX6854/MAX6855/MAX6856/
MAX6858/MAX6860–MAX6869 reset output is guaranteed
to be valid for VCC down to 1.1V.
Whenever VCC falls below the reset threshold, the reset
output asserts low for RESET and high for RESET.
Once VCC exceeds the reset threshold, an internal
timer keeps the reset output asserted for the specified
reset timeout period, then after this interval the reset
output deasserts (see Figure 2).
Manual Reset Input
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. The MAX6854/
MAX6855/MAX6856/MAX6861–MAX6869 feature an
MR input. A logic low on MR asserts a reset. Reset
remains asserted while MR is low and for the timeout
period, tRP, after MR returns high. The devices provide
an internal 10k
Ω pullup from MR to VCC. Leave MR
unconnected or connect to VCC if unused. MR can be
driven with CMOS logic levels or with open-drain/col-
lector outputs. Connect a normally open momentary
switch from MR to GND to implement a manual reset
function; external debounce circuitry is not required. If
MR is driven by long cables or the device is used in a
noisy environment, connect a 0.1µF capacitor from MR
to GND to provide additional noise immunity.
Watchdog Input
The MAX6864–MAX6869’s watchdog timer circuitry
monitors the µP’s activity. If the µP does not toggle
(low-to-high or high-to-low) the watchdog input (WDI)
within the watchdog timeout period (tWDI), reset asserts
for the reset timeout period (tRP). The internal timer is
cleared when reset asserts, when manual reset is
asserted, or by a rising or falling edge on WDI. The
watchdog input detects pulses as short as 150ns.
While reset is asserted the watchdog timer does not
count. As soon as reset deasserts, the watchdog timer
resumes counting (Figure 3).
Applications Information
Selecting the Reset Timeout Period
The reset timeout period for the MAX6854/MAX6855/
MAX6856/MAX6858/MAX6860/MAX6864–MAX6869 is
fixed (see Table 4). The MAX6861/MAX6862/MAX6863
feature a reset timeout select input, CT. Connect CT
according to Table 1 to select between the available
10ms and 150ms (min) reset timeout periods. The time-
out period can be changed while a reset timeout period
is in progress, but will not update until the reset timeout
period has expired.
VCC
WDI
tWD
tWDI
tRP
RESET*
VCC
OV
OV
*RESET IS THE INVERSE OF RESET.
Figure 3. Detailed Watchdog Input Timing Relationship
Table 1. MAX6861/MAX6862/MAX6863
Reset Timeout Period Selection
CT CONNECTION
MIN
TYP
MAX
UNITS
LOW
10
15
25
HIGH
150
225
300
ms


Similar Part No. - MAX6864UK31D3S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6864UK31D3S MAXIM-MAX6864UK31D3S Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results

Similar Description - MAX6864UK31D3S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com