Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6349ZP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6349ZP
Description  150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6349ZP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6349ZP Datasheet HTML 3Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 4Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 5Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 6Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 7Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 8Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 9Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 10Page - Maxim Integrated Products MAX6349ZP Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
150mA, SOT23, Low Dropout Linear Regulators
with Internal Microprocessor Reset Circuit
_______________________________________________________________________________________
7
5% reset: Reset does not assert until the regulator out-
put voltage is at least -5% out of tolerance and always
asserts before the regulator output voltage is -10% out of
tolerance.
10% reset: Reset does not assert until the regulator
output voltage is at least -10% out of tolerance and
always asserts before the regulator output voltage is
-15% out of tolerance.
Reset Output
A µP’s reset input starts the µP in a known state. The
MAX6329/MAX6349 µP supervisory circuits assert a
reset during power-up, power-down, and brownout
conditions. Reset is guaranteed to be logic high or low
depending on the device chosen (see Selector Guide).
RESET or RESET asserts when VOUT is below the reset
threshold and for at least 100ms (tRP) after VOUT rises
above the reset threshold. RESET or RESET also
asserts when MR is low (MAX6349).
Shutdown (MAX6329 Only)
SHDN allows for the regulator to shutdown thereby
reducing the total IIN consumption of the device. The
MAX6329 provides a digitally controlled active-low
shutdown function. In shutdown mode the pass transis-
tor, control circuit, reference, and all biases turn off,
reducing the supply current to below 1µA. Connect
SHDN to IN for normal operation.
Manual Reset Input (MAX6349 Only)
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. For the MAX6349, a
Figure 2. Functional Diagram
REVERSE
LEAKAGE
PROTECTION
THERMAL SENSOR
MOS DRIVER WITH
CURRENT LIMIT
1.23V
60mV
OUTPUT
STAGE
200ms
RESET
DELAY
RESET
COMPARATOR
GND
MR
FEEDBACK MODE
COMPARATOR
ERROR
AMP
IN
SHDN
OUT
SET
RESET/RESET


Similar Part No. - MAX6349ZP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6349ZP MAXIM-MAX6349ZP Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
More results

Similar Description - MAX6349ZP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com