Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S36SE05003NMFA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # S36SE05003NMFA
Description  Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE05003NMFA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  S36SE05003NMFA Datasheet HTML 1Page - Delta Electronics, Inc. S36SE05003NMFA Datasheet HTML 2Page - Delta Electronics, Inc. S36SE05003NMFA Datasheet HTML 3Page - Delta Electronics, Inc. S36SE05003NMFA Datasheet HTML 4Page - Delta Electronics, Inc. S36SE05003NMFA Datasheet HTML 5Page - Delta Electronics, Inc. S36SE05003NMFA Datasheet HTML 6Page - Delta Electronics, Inc. S36SE05003NMFA Datasheet HTML 7Page - Delta Electronics, Inc. S36SE05003NMFA Datasheet HTML 8Page - Delta Electronics, Inc. S36SE05003NMFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DS_S36SE05003_10252013
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 11: Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 12µH source impedance and
33µF electrolytic capacitor (50mA/div, 2us/div)
Figure 12: Input reflected ripple current, is, through a 12µH source
inductor at nominal input voltage and rated load current (20
mA/div, 2us/div)
Figure 13: Output voltage noise and ripple measurement test setup
Figure 14: Output voltage ripple at nominal input voltage and rated load
current (Io=3A) (50 mV/div, 5us/div). Load capacitance: 1µF ceramic
capacitor and 10µF tantalum capacitor. Bandwidth: 20 MHz. Scope
measurements should be made using a BNC cable (length shorter than 20
inches). Position the load between 51 mm to 76 mm (2 inches to 3 inches)
from the module
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
LOAD CURRENT (A)
Figure 15: Output voltage vs. load current showing typical current
limit curves and converter shutdown points
Strip
Copper
Vo(-)
Vo(+)
10u
1u
SCOPE
RESISTIVE
LOAD


Similar Part No. - S36SE05003NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE05003NDFG DELTA-S36SE05003NDFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE05003NKFG DELTA-S36SE05003NKFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE05003NNFG DELTA-S36SE05003NNFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE05003NRFB DELTA-S36SE05003NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
More results

Similar Description - S36SE05003NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE3R305NRFA DELTA-S36SE3R305NRFA Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB_14 Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12001ERFF DELTA-S36SE12001ERFF_14 Datasheet
563Kb / 16P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ_14 Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com