Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q36SR12019PKFH Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # Q36SR12019PKFH
Description  Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q36SR12019PKFH Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  Q36SR12019PKFH Datasheet HTML 1Page - Delta Electronics, Inc. Q36SR12019PKFH Datasheet HTML 2Page - Delta Electronics, Inc. Q36SR12019PKFH Datasheet HTML 3Page - Delta Electronics, Inc. Q36SR12019PKFH Datasheet HTML 4Page - Delta Electronics, Inc. Q36SR12019PKFH Datasheet HTML 5Page - Delta Electronics, Inc. Q36SR12019PKFH Datasheet HTML 6Page - Delta Electronics, Inc. Q36SR12019PKFH Datasheet HTML 7Page - Delta Electronics, Inc. Q36SR12019PKFH Datasheet HTML 8Page - Delta Electronics, Inc. Q36SR12019PKFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS_Q36SR12019_08092012
FEATURES
High efficiency: 93% @ 12V/19A
Size:
58.4x36.8x11.7mm
(2.30”x1.45”x0.46”) w/o heat-spreader
58.4x36.8x12.7mm
(2.30”x1.45”x0.50”) with heat-spreader
Industry standard footprint and pinout
Fixed frequency operation
Input UVLO
OTP and OVP
Output OCP hiccup mode
Output voltage trim down : -10%
Output voltage trim up: +10% at Vin>20V
Monotonic startup into normal and
pre-biased loads
1500V isolation and basic insulation
No minimum load required
No negative current during power or enable
on/off
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada)
APPLICATIONS
Optical Transport
Data Networking
Communications
Servers
OPTIONS
Positive or negative remote On/Off
Delphi Series Q36SR, Quarter Brick 228W
DC/DC Power Modules: 18V~75Vin,12V, 19Aout
The Delphi Series Q36SR, Quarter Brick, 18V~75Vin input, single
output, isolated DC/DC converters, are the latest offering from a world
leader in power systems technology and manufacturing ― Delta
Electronics, Inc. With creative design technology and optimization of
component placement, these converters possess outstanding
electrical and thermal performance, as well as extremely high reliability
under highly stressful operating conditions. Typical efficiency of the
12V/19A module is greater than 93%.


Similar Part No. - Q36SR12019PKFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q36SR12017 DELTA-Q36SR12017 Datasheet
713Kb / 14P
   Input Source Impedance
Q36SR12017NKFA DELTA-Q36SR12017NKFA Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
Q36SR12017NKFA DELTA-Q36SR12017NKFA Datasheet
713Kb / 14P
   Industry standard footprint and pin out
Q36SR12017NKFA DELTA-Q36SR12017NKFA Datasheet
713Kb / 14P
   Input Source Impedance
Q36SR12017NKFH DELTA-Q36SR12017NKFH Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
More results

Similar Description - Q36SR12019PKFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q36SR12017NRFA DELTA-Q36SR12017NRFA Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
E36SC12009NRFA DELTA-E36SC12009NRFA Datasheet
579Kb / 16P
   Delphi Series E36SC120, Eighth Brick 108W DC/DC Power Modules: 18V~75Vin, 12V, 9Aout
E36SC3R335NRFA DELTA-E36SC3R335NRFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_13 Datasheet
725Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
Q48SP12017NRFA DELTA-Q48SP12017NRFA Datasheet
678Kb / 13P
   Delphi Series Q48SP, 216W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/18A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com