Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6710NUT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6710NUT
Description  Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6710NUT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6710NUT Datasheet HTML 1Page - Maxim Integrated Products MAX6710NUT Datasheet HTML 2Page - Maxim Integrated Products MAX6710NUT Datasheet HTML 3Page - Maxim Integrated Products MAX6710NUT Datasheet HTML 4Page - Maxim Integrated Products MAX6710NUT Datasheet HTML 5Page - Maxim Integrated Products MAX6710NUT Datasheet HTML 6Page - Maxim Integrated Products MAX6710NUT Datasheet HTML 7Page - Maxim Integrated Products MAX6710NUT Datasheet HTML 8Page - Maxim Integrated Products MAX6710NUT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Low-Voltage, High-Accuracy, Triple/Quad
Voltage µP Supervisory Circuits in SOT Package
_______________________________________________________________________________________
3
Note 1: 100% production tested at TA = +25°C. Limits over temperature guaranteed by design.
Note 2: The devices are powered from IN2 or VCC (for MAX6700/MAX6710Q).
Note 3: The RESET output is guaranteed to be in the correct state for IN1 or IN2 down to 1V.
Note 4: Monitored IN2 voltage (3.3V, 3.0V) is also the device power supply. Supply current splits as follows: 25µA for the resistor
divider (for the monitored voltage) and 30µA for other circuits.
40
46
44
42
48
50
52
54
56
58
60
-40
-15
10
35
60
85
IN2 INPUT CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VIN2 = 3.3V
VIN2 = 3V
0
20
10
50
40
30
60
70
80
90
01.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
IN2 INPUT CURRENT vs. IN2 VOLTAGE
IN2 VOLTAGE (V)
-0.10
-0.04
-0.06
-0.08
-0.02
0
0.02
0.04
0.06
0.08
0.10
-40
-15
10
35
60
85
NORMALIZED THRESHOLD ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
VTH = 1.8V
VIN2 = 3.3V
Typical Operating Characteristics
(VIN2 = VCC = 3.0V, TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIN2, VCC = 5V, ISINK = 2mA
0.3
VIN2, VCC = 2.5V, ISINK = 1.2mA
0.4
RESET Output Low
VOL
VIN2 = 1.0V, ISINK = 50µA, TA = 0
oC to +85oC
0.3
V
VCC
≥ 2.0V, ISOURCE = 6µA, RESET
deasserted (MAX6700/MAX6710Q)
0.8 VCC
RESET Output High
VOH
VIN2
≥ 2.0V, ISOURCE = 6µA, RESET
deasserted
0.8 VIN2
V
RESET Output High Source
Current
IOH
VIN2
≥ 2.0V, RESET deasserted
10
µA
ELECTRICAL CHARACTERISTICS (continued)
(VIN2 = 1V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN2 = 3.0V to 3.3V, TA = +25°C.) (Note 1)


Similar Part No. - MAX6710NUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6710FUT-T MAXIM-MAX6710FUT-T Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX6710KUT-T MAXIM-MAX6710KUT-T Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX6710_UT-T MAXIM-MAX6710_UT-T Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6710_UT-T MAXIM-MAX6710_UT-T Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6710_UT-T MAXIM-MAX6710_UT-T Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
More results

Similar Description - MAX6710NUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6700 MAXIM-MAX6700_V01 Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
logo
STMicroelectronics
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
   Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
logo
Maxim Integrated Produc...
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
logo
Analog Devices
ADM6710 AD-ADM6710_15 Datasheet
199Kb / 12P
   Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Maxim Integrated Produc...
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
   Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com