Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA01D0303A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PA01D0303A
Description  2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PA01D0303A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PA01D0303A Datasheet HTML 1Page - Delta Electronics, Inc. PA01D0303A Datasheet HTML 2Page - Delta Electronics, Inc. PA01D0303A Datasheet HTML 3Page - Delta Electronics, Inc. PA01D0303A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
, 4
PH02S/D Sries
2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
DS_PH02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 80%
SIP Package with Standard Pinout
Fully Regulated Output
Operating Temperature Range -40°C to +85°C
Ultra-wide 4:1 Input Range
Isolation Voltage 1500 VDC
Short circuit protection
Lead free, RoHs compliant
3 Years Product Warranty
The PH02S/D series are miniature, SIP Package, isolated 2W DC/DC converters with 1,500VDC isolation. The PH02S/D series
features fully regulated output and wide 4:1 input voltage ranges. The most convenient advantage is the modules with a small
footprint occupying only 2.4 cm2 (0.36 square in.) on the PCB. It offers short circuit protection and allows a wide operating
temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest offering from a world leader in power systems
technology and manufacturing ― Delta Electronics, Inc
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
PH02S2403A
3.3
500
125
97
2200
71
PH02S2405A
5
400
100
110
1000
76
PH02S2412A
12
167
42
106
170
79
PH02S2415A
15
134
33
105
110
80
PH02D2405A
±5
±200
±50
114
470*
73
PH02D2412A
±12
±83
±21
108
100*
77
PH02D2415A
24
(9 ~ 36)
±15
±67
±17
106
20
300
47*
79
PH02S4803A
3.3
500
125
49
2200
70
PH02S4805A
5
400
100
58
1000
72
PH02S4812A
12
167
42
54
170
78
PH02S4815A
15
134
33
54
110
78
PH02D4805A
±5
±200
±50
60
470*
70
PH02D4812A
±12
±83
±21
55
100*
76
PH02D4815A
48
(18 ~ 75)
±15
±67
±17
55
15
600
47*
76
* For each output


Similar Part No. - PA01D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PA01D0303A DELTA-PA01D0303A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PA01D0303A DELTA-PA01D0303A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PA01D0303A DELTA-PA01D0303A Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PA01D0303A DELTA-PA01D0303A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
PA01D0303A DELTA-PA01D0303A Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
More results

Similar Description - PA01D0303A

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D200RU MPD-D200RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
logo
Delta Electronics, Inc.
DB02S0503A DELTA-DB02S0503A Datasheet
208Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
PL01S DELTA-PL01S Datasheet
197Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
logo
List of Unclassifed Man...
D221RW ETC1-D221RW Datasheet
70Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
D200RW MPD-D200RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com