Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9813HEKA-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9813HEKA-T
Description  Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9813HEKA-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9813HEKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX9813HEKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX9813HEKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX9813HEKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX9813HEKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX9813HEKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX9813HEKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX9813HEKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX9813HEKA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX9812/MAX9813 are single/dual-input, 20dB
fixed-gain microphone amplifiers. They offer tiny pack-
aging and a low-noise, integrated microphone bias,
making them ideal for portable audio applications such
as notebook computers, cell phones, and PDAs. These
amplifiers feature a 500kHz bandwidth, rail-to-rail out-
puts, an industry-leading 100dB power-supply rejection
ratio, and a very low 0.015% THD+N. Power-saving fea-
tures include very low 230µA supply current and a total
shutdown mode that cuts the combined supply and
BIAS currents to only 100nA.
The MAX9812 is a single amplifier in a 6-pin SC70
package (2mm x 2.1mm) and the MAX9813 is a dual-
input amplifier available in an 8-pin SOT23 (3mm x
3mm) package. The MAX9813 has two inputs allowing
two microphones to be multiplexed to a single output.
The MAX9812/MAX9813 are offered in two grades. The
MAX9812L/MAX9813L are optimized for 3.3V supply
operation (2.7V to 3.6V). The MAX9812H/MAX9813H are
PC2001 compliant and are optimized for 5V operation
(4.5V to 5.5V). Both devices are specified over the -40°C
to +85°C extended operating temperature range.
Applications
Notebook Computers
PDAs
Smart Phones
Car Kit Adapters
Digital Cameras
Video Tape Recorders
Features
o PC2001 Compliant
o 100dB at 217Hz Power-Supply Rejection Ratio
o Very Low 230µA Quiescent Current
o Low 0.015% THD+N
o Available in Two Versions
MAX9812L/MAX9813L—2.7V to 3.6V
MAX9812H/MAX9813H—4.5V to 5.5V
o Internal Low-Noise Microphone Bias Supply
2.3V for MAX9812L/MAX9813L
4.0V for MAX9812H/MAX9813H
o 100nA Low-Power Shutdown Mode
o Rail-to-Rail Outputs
o 20dB Fixed Gain
o Available in Tiny 6-Pin SC70 (2mm x 2.1mm) and
8-Pin SOT23 (3mm x 3mm) Packages
o Extended Temperature Range -40°C to +85°C
19-2840; Rev 2; 9/12
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
MAX9812/MAX9813
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain
Microphone Amplifiers with Integrated Bias
Ordering Information
Pin Configurations, Selector Guide, and Typical Operating
Circuits appear at end of data sheet.
PART
TEMP RANGE
PIN-
PACKAGEVCC (V)
MAX9812LEXT+T
-40
°C to +85°C 6 SC70
2.7 to 3.6
MAX9812LEXT/V+T
-40
°C to +85°C 6 SC70
2.7 to 3.6
MAX9812HEXT+T
-40
°C to +85°C 6 SC70
4.5 to 5.5
MAX9813LEKA+T
-40
°C to +85°C 8 SOT23
2.7 to 3.6
MAX9813HEKA+T
-40
°C to +85°C 8 SOT23
4.5 to 5.5
MAX9812
20dB
REFERENCE
2.3V (L VERSION)
4.0V (H VERSION)
IN
BIAS
OUT
SHDN
VCC
GND
MAX9813
20dB
IN1/IN2
REFERENCE
2.3V (L VERSION)
4.0V (H VERSION)
IN2
IN1
BIAS
OUT
SHDN
VCC
GND
Simplified Block Diagrams
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.


Similar Part No. - MAX9813HEKA-T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
MAX9813HEKA-T DALLAS-MAX9813HEKA-T Datasheet
309Kb / 11P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
More results

Similar Description - MAX9813HEKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812_V01 Datasheet
280Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
logo
Dallas Semiconductor
MAX9812 DALLAS-MAX9812 Datasheet
309Kb / 11P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812 Datasheet
245Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX40079 MAXIM-MAX40079 Datasheet
1Mb / 18P
   Single/Dual/Quad Ultra-Low Input Bias Current, Low-Noise Amplifiers
2020
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
LMV101 NSC-LMV101_00 Datasheet
772Kb / 12P
   Fixed-Gain Amplifiers
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com