Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6710KUT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6710KUT
Description  Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6710KUT Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6710KUT Datasheet HTML 1Page - Maxim Integrated Products MAX6710KUT Datasheet HTML 2Page - Maxim Integrated Products MAX6710KUT Datasheet HTML 3Page - Maxim Integrated Products MAX6710KUT Datasheet HTML 4Page - Maxim Integrated Products MAX6710KUT Datasheet HTML 5Page - Maxim Integrated Products MAX6710KUT Datasheet HTML 6Page - Maxim Integrated Products MAX6710KUT Datasheet HTML 7Page - Maxim Integrated Products MAX6710KUT Datasheet HTML 8Page - Maxim Integrated Products MAX6710KUT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VCC powers the MAX6700/MAX6710Q and is not a
monitored voltage. IN2 powers all other options for the
MAX6710 and is a monitored voltage. When any supply
drops below its threshold, the reset output asserts low
and remains low while either IN1 or IN2 is above 1.0V.
Adjustable Thresholds
The MAX6700/MAX6710 offer several monitor options
with adjustable reset thresholds. The threshold voltage at
each adjustable IN_ input is typically 0.62V. To monitor a
voltage > 0.62V, connect a resistor-divider network to the
circuit as shown in Figure 5.
VINTH = 0.62V x (R1 + R2) / R2
or, solved in terms of R1:
R1 = R2 ((VINTH / 0.62V) - 1)
Because the MAX6700/MAX6710 have a guaranteed
input current of ±0.2µA (±0.4µA for IN1) on their
adjustable inputs, resistor values up to 100k
Ω can be
used for R2 with < 1% error. The MAX6700/MAX6710Q
include an internal voltage clamp (1.5V typ) at each of
the adjustable voltage inputs. An input voltage higher
than 1.5V induces a higher input current.
Unused Inputs
Connect unused monitor inputs to a supply voltage
greater in magnitude than their specified threshold volt-
ages. For unused IN_ adjustable inputs, connect a 1M
series resistor between the unused input and IN2 (or
VCC) to limit the bias current. Use IN2 for normal opera-
tion (device power-supply pin). Do not connect unused
monitor inputs to ground or allow them to float.
Adding Manual Reset Capability
(MAX6710)
Figure 6 shows an application circuit adding manual reset
to the MAX6710. Depressing the pushbutton switch short-
circuits the analog input to ground and initiates a RESET
pulse. The switch must be open for at least 140ms in
order to deassert the RESET output. No external switch
debounce is required. Use a small capacitor to improve
noise immunity when using long leads from the pushbut-
ton switch to the adjustable input.
Power-Supply Bypassing and Grounding
The MAX6700/MAX6710 are normally powered from the
monitored IN2 or from the VCC supply input. All monitored
inputs are immune to short supply transients. For higher
immunity in noisy applications, connect a 0.1µF bypass
capacitor from the IN2 input to ground. Add capacitance
to IN1, IN3, and IN4 to increase their noise immunity.
Low-Voltage, High-Accuracy, Triple/Quad
Voltage µP Supervisory Circuits in SOT Package
_______________________________________________________________________________________
7
Figure 3. RESET Output Timing Diagram
Figure 5. Setting the Auxiliary Monitor
VTH_
90%
10%
IN_
VTH_
RESET
tRP
tRD
VREF = 0.62V
R2
R1
VINTH
R1 = R2
(
- 1
)
VINTH
0.62V
Figure 4. Interfacing to Different Logic-Supply Voltage
IN2
GND
IN2 = +3.3V
+5V
MAX6700
MAX6710
VCC
GND
RESET
RESET
100k


Similar Part No. - MAX6710KUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6710KUT-T MAXIM-MAX6710KUT-T Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
More results

Similar Description - MAX6710KUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6700 MAXIM-MAX6700_V01 Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
logo
STMicroelectronics
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
   Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
logo
Maxim Integrated Produc...
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
logo
Analog Devices
ADM6710 AD-ADM6710_15 Datasheet
199Kb / 12P
   Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Maxim Integrated Produc...
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
   Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com