Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE01D1205A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PE01D1205A
Description  1W DC/DC CONVERTER, SIP-Package, High Efficiency
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PE01D1205A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PE01D1205A Datasheet HTML 1Page - Delta Electronics, Inc. PE01D1205A Datasheet HTML 2Page - Delta Electronics, Inc. PE01D1205A Datasheet HTML 3Page - Delta Electronics, Inc. PE01D1205A Datasheet HTML 4Page - Delta Electronics, Inc. PE01D1205A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS_PE01S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Mechanical Drawing
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
4
-Vout
-Vout
5
No Pin
Common
6
+Vout
+Vout
5V & 12V Input :
T=6.1[0.24]
24V Input :
T=7.1[0.28] r
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05(±0.002)
Physical Outline
Case Size
(5&12V Input)
:
19.5x6.1x10.2mm (0.77x0.24x0.40 Inches)
Case Size (24V Input)
:
19.5x7.1x10.2mm (0.77x0.28x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight (5&12V Input)
:
2.2g
Weight (24V Input)
:
2.6g
P4
19.5 [0.77]
0.50
[0.02]
Bottom View
18.5 [0.73]
0.5
[0.02]
2.35
[0.09]
2.54
[0.10]
2X2.54
[2X0.10]
5.08
[0.20]
12
4
5
6


Similar Part No. - PE01D1205A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE014005 MACOM-PE014005 Datasheet
147Kb / 2P
   Miniature PCB Relay
PE014005 MACOM-PE014005 Datasheet
152Kb / 2P
   Miniature PCB Relay PE
PE014005 MACOM-PE014005_05 Datasheet
152Kb / 2P
   Miniature PCB Relay PE
PE014006 MACOM-PE014006 Datasheet
147Kb / 2P
   Miniature PCB Relay
PE014006 MACOM-PE014006 Datasheet
152Kb / 2P
   Miniature PCB Relay PE
More results

Similar Description - PE01D1205A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com