Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ01S0503A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DZ01S0503A
Description  5W DC/DC CONVERTER, SMD-Package , Wide 2:1 Input Ranage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ01S0503A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DZ01S0503A Datasheet HTML 1Page - Delta Electronics, Inc. DZ01S0503A Datasheet HTML 2Page - Delta Electronics, Inc. DZ01S0503A Datasheet HTML 3Page - Delta Electronics, Inc. DZ01S0503A Datasheet HTML 4Page - Delta Electronics, Inc. DZ01S0503A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS_SF05S/D_07162012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
12V Input Models
7.5
8
9
24V Input Models
14
16
18
Start-Up Voltage
48V Input Models
30
33
36
12V Input Models
6.5
7
8
24V Input Models
13
15
17
Under Voltage Shutdown
48V Input Models
28
31
34
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
1000
3000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±0.5
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.1
±0.3
%
Load Regulation
Io=20% to 100%
---
±0.3
±1.0
%
Ripple & Noise (20MHz)
---
50
85
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
100
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Transient Recovery Time
---
250
500
uS
Transient Response Deviation
25% Load Step Change
---
±2
±6
%
Temperature Coefficient
---
±0.01
±0.02
%/
Over Load Protection
Foldback
115
140
165
%
Short Circuit Protection
Continuous
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
650
750
pF
Switching Frequency
200
260
350
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
1,000,000
---
---
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D
Level 2
Recommended Input Fuse
12V Input Models
24V Input Models
48V Input Models
1500mA Slow-Blow Type
700mA Slow-Blow Type
350mA Slow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
2.5V ~ 5.5V or Open Circuit
Converter Off
-0.7V ~ 0.8V
Control Input Current (on)
Vctrl = Min. to Max.
---
---
-200
uA
Control Input Current (off)
Vctrl = Min. to Max.
---
---
-300
uA
Control Common
Referenced to Negative Input
Standby Input Current
---
---
10
mA
P2


Similar Part No. - DZ01S0503A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DZ01S0503A DELTA-DZ01S0503A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ01S0503A DELTA-DZ01S0503A Datasheet
234Kb / 4P
   1W DC/DC CONVERTER, SMD-Package, High Isolation
DZ01S0503A DELTA-DZ01S0503A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DZ01S0503A DELTA-DZ01S0503A Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
DZ01S0503A DELTA-DZ01S0503A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DZ01S0503A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000_15 Datasheet
427Kb / 5P
   DC/DC CONVERTER 5W, SMD-Package
logo
Toppower Electronic Tec...
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000 Datasheet
208Kb / 8P
   5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com