Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF06D0303A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DF06D0303A
Description  3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DF06D0303A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DF06D0303A Datasheet HTML 1Page - Delta Electronics, Inc. DF06D0303A Datasheet HTML 2Page - Delta Electronics, Inc. DF06D0303A Datasheet HTML 3Page - Delta Electronics, Inc. DF06D0303A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_SE03S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not
damage these modules; however they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Specifications subject to change without notice.
7
It is not recommended to use water-washing process on SMT units.
Mechancial Drawing
Mechanical Dimensions
Connecting Pin Patterns
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05 (±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size
:
32.3x14.8x10.2mm (1.27x0.58x0.4 Inches)
1,2
-Vin
-Vin
Case Material
Non-Conductive Black Plastic
3,11,14,22
NC
NC
:
(flammability to UL 94V-0 rated)
10
NC
Common
Weight
:
8.8g
12
NC
-Vout
13
+Vout
+Vout
15
-Vout
Common
23,24
+Vin
+Vin
NC : No Connection
P3
2.18
1
24
2
23
3
22
10
15
11
14
12
13
5.08
[0.2]
32.3 [1.27]
17.78 [0.7]
0.50 [0.02]
[0.09]
5.08
[0.2]
0.15 S
SSEATING
PLANE
27.94 [1.10]
2.54 [0.10]
17.78 [0.70]
1.0 [0.04]
2.6 [0.10]
20.0 [0.79]


Similar Part No. - DF06D0303A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
DF06DB105 SY-DF06DB105 Datasheet
255Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - DF06D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03S DELTA-DL03S Datasheet
214Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DB02S0503A DELTA-DB02S0503A Datasheet
208Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com