Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCA1206MD1BP100 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MCA1206MD1BP100
Description  Precision Thin Film Chip Resistor Superior Moisture Resistivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCA1206MD1BP100 Datasheet(HTML) 8 Page - Vishay Siliconix

  MCA1206MD1BP100 Datasheet HTML 1Page - Vishay Siliconix MCA1206MD1BP100 Datasheet HTML 2Page - Vishay Siliconix MCA1206MD1BP100 Datasheet HTML 3Page - Vishay Siliconix MCA1206MD1BP100 Datasheet HTML 4Page - Vishay Siliconix MCA1206MD1BP100 Datasheet HTML 5Page - Vishay Siliconix MCA1206MD1BP100 Datasheet HTML 6Page - Vishay Siliconix MCA1206MD1BP100 Datasheet HTML 7Page - Vishay Siliconix MCA1206MD1BP100 Datasheet HTML 8Page - Vishay Siliconix MCA1206MD1BP100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Precision
Precision Thin Film Chip Resistor
Superior Moisture Resistivity
Vishay Beyschlag
Document Number: 28785
For technical questions, contact: filmresistors.thinfilmchip@vishay.com
www.vishay.com
Revision: 09-Apr-09
8
4.37
-
Periodic electric
overload;
standard operation mode
U =
≤ 2 x U
max.;
0.1 s on; 2.5 s off;
1000 cycles
± (0.5 %
R +0.05
Ω)
4.40
-
ESD
(Electro Static Discharge)
IEC 61340-3-1;
3 pos. + 3 neg.
(equivalent to MIL-STD-883,
Method 3015)
MCT 0603 AT: 1000 V
MCU 0805 AT: 1500 V
MCA 1206 AT: 2000 V
± (0.5 %
R +0.05
Ω)
4.22
6 (Fc)
Vibration
Endurance by sweeping;
10 Hz to 2000 Hz;
no resonance;
amplitude
≤ 1.5 mm or
≤ 200 m/s2; 6 h
± (0.05 %
R +0.01
Ω)
no visible damage
4.17.2
58 (Td)
Solderability
Solder bath method;
SnPb40; non-activated flux
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
≥ 95 % covered);
no visible damage
Solder bath method;
SnAg3Cu0.5 or SnAg3.5;
non-activated flux;
(235 ± 3) °C; (2 ± 0.2) s
Good tinning (
≥ 95 % covered);
no visible damage
4.18.2
58 (Td)
Resistance to
soldering heat
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
± (0.05 %
R +0.01
Ω)
no visible damage
4.29
45 (XA)
Component solvent
resistance
Isopropyl alcohol + 50
°C;
method 2
No visible damage
4.32
21 (Ue3)
Shear (adhesion)
RR 1608M; 9 N
No visible damage
RR 2012M and
RR 3216M; 45 N
4.33
21 (Ue1)
Substrate bending
Depth 2 mm, 3 times
± (0.05 %
R +0.01
Ω)
no visible damage; no open circuit in bent position
4.7
-
Voltage proof
URMS = Uins; (60 ± 5) s
No flashover or breakdown
4.35
-
Flammability
Needle flame test; 10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
STABILITY CLASS 0.25 OR BETTER (1)
Stability for product types:
MCT 0603 AT
47
Ω to 100 kΩ
MCU 0805 AT
47
Ω to 100 kΩ
MCA 1206 AT
47
Ω to 100 kΩ
15 x
P
70 x R


Similar Part No. - MCA1206MD1BP100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCA1206MD4641DE0P5PW00 VISHAY-MCA1206MD4641DE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCA1206MD4641FE0P5PW00 VISHAY-MCA1206MD4641FE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCA1206MD4641ZE0P5PW00 VISHAY-MCA1206MD4641ZE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
More results

Similar Description - MCA1206MD1BP100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com