Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLH060PGB01A Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # MLH060PGB01A
Description  All Metal Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MLH060PGB01A Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  MLH060PGB01A Datasheet HTML 1Page - Honeywell Solid State Electronics Center MLH060PGB01A Datasheet HTML 2Page - Honeywell Solid State Electronics Center MLH060PGB01A Datasheet HTML 3Page - Honeywell Solid State Electronics Center MLH060PGB01A Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.honeywell.com/sensing
Table 1. Pressure Range Specifications
1 (At 25 C [77 F] and at rated excitation unless otherwise specified.)
psi
Pressure
50
100
150
200
250
300
500
1000
2000
3000
5000
8000
Proof pressure
150
300
450
600
750
900
1500
2000
4000
6000
7500
12000
Burst pressure
500
1000
1500
2000
2500
3000
5000
10000
20000
30000
30000
30000
bar
Pressure
6
10
16
25
40
60
100
160
250
350
500
550
Proof pressure
18
30
48
75
80
120
200
320
500
700
750
825
Burst pressure
60
100
160
250
400
600
1000
1600
2068
2068
2068
2068
Note:
1.
Comparable metric units follow same proof and burst specifications.
Table 2. Physical and Environmental Specifications
Parameter
Characteristic
Material in contact with media
port: stainless steel 304L; diaphragm: Haynes 214 alloy
Housing material
black plastic
– Amodel AS-4133 HS – PPA
Weight
57.0 g [2.0 oz] (typical for Delphi Metri-Pack 150 and 1/8 NPT port)
Shock
100 g peak [11 ms]
Vibration
MIL-STD-810C, Figure 514.2-5, Curve AK, Table 514.2-V, Random Vibration Test
[overall g rms = 20.7 min.]
Compensated and operating temperature range:
0.5 Vdc to 4.5 Vdc ratiometric output
all regulated and 4 mA to 20 mA outputs
-40 °C to 125 °C [-40 °F to 257 °F]
-40 °C to 125 °C [-40 °F to 257 °F] See Figures 2 and 3 for operating area details.
Storage temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
Approvals
UL Component Recognition for USA and Canada: File No. E258956
Table 3. Electrical Specifications (At 25 C [77 F] and at rated excitation unless otherwise specified.)
Parameter
Ratiometric
(A)
Current
(B)
Regulated
(C)
Regulated
(D)
Regulated
(E)
Regulated
(G)
Zero output
0.5 Vdc
4 mA
1 Vdc
0.25 Vdc
0.5 Vdc
1 Vdc
Full scale
span (FSS)
4Vdc
(0.5Vdcto4.5Vdc)
16mA
(4mAto20mA)
5Vdc
(1Vdcto6Vdc)
10Vdc
(0.25Vdcto10.25Vdc)
4Vdc
(0.5Vdcto4.5Vdc)
4Vdc
(1Vdcto5Vdc)
Excitation
5 Vdc
(6 Vdc max.)
1
9.5 Vdc to
30 Vdc
2
8 Vdc to
30 Vdc
2
14 Vdc to
30 Vdc
2
7 Vdc to
30 Vdc
2
8 Vdc to
30 Vdc
2
Supply
current
4 mA typ.
(8 mA max.)
N/A
5 mA typ.
(17 mA max.)
5 mA typ.
(17 mA max.)
5 mA typ.
(17 mA max.)
5 mA typ.
(17 mA max.)
Source
(nominal)
1 mA
N/A
1 mA
1 mA
1 mA
1 mA
Sink
(nominal)
1 mA
at zero output
N/A
1 mA
at zero output
1 mA
at zero output
1 mA
at zero output
1 mA
at zero output
Supply
rejection ratio
90 dB
90 dB
90 dB
90 dB
90 dB
90 dB
Output
impedance
25
max.
N/A
25
max.
25
max.
25
max.
25
max.
Notes:
1.
Maintains ratiometricity at 5 ±0.25 Vdc excitation. Product can tolerate 6 Vdc excitation without damage.
2.
See Figures 2 and 3 for more information regarding maximum excitation voltage vs. operating temperature.


Similar Part No. - MLH060PGB01A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
MLH060PGB01A HONEYWELL-MLH060PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH060PGB01A HONEYWELL-MLH060PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH060PGB01A HONEYWELL-ACC-MLH060PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH060PGB01A HONEYWELL-ACC-MLH060PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
More results

Similar Description - MLH060PGB01A

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
MLH05KPSB06B HONEYWELL-ACC-MLH05KPSB06B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH100BSL03B HONEYWELL-ACC-MLH100BSL03B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Solid State E...
MLH004BGB01B HONEYWELL-MLH004BGB01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH300PSB01B HONEYWELL-MLH300PSB01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH03KPSB01A HONEYWELL-ACC-MLH03KPSB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Solid State E...
MLH016BSB01B HONEYWELL-MLH016BSB01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH100PGB01A HONEYWELL-MLH100PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH02KPSP01B HONEYWELL-ACC-MLH02KPSP01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Solid State E...
MLH03KPSB01B HONEYWELL-MLH03KPSB01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Endress+Hauser Group Se...
TI01133P EH-TI01133P Datasheet
1Mb / 48P
   Pressure transducer with ceramic and metal sensors
2021-03-31
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com