Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L36SA12004NRFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # L36SA12004NRFA
Description  Delphi Series L36SS, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 3.3V/15A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

L36SA12004NRFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  L36SA12004NRFA Datasheet HTML 1Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 2Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 3Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 4Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 5Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 6Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 7Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 8Page - Delta Electronics, Inc. L36SA12004NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
DS_L36SA3R315_10252013
FEATURES
High Efficiency: 88% @ 3.3V/15A
Size: 49.6mm x 39.4mm x 8.9mm
(
1.95”x1.55”x0.35”)
Industry standard pin out
Fixed frequency operation
Input UVLO, OTP, Output OCP, OVP, (auto
recovery)
Monotonic startup into normal and
pre-biased loads
2250V isolation and basic insulation
No minimum load required
4:1 Input voltage range
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada) Recognized
APPLICATIONS
Telecom/Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Testing Equipment
OPTIONS
Positive On/Off logic
Sense
Heat spreader
Delphi Series L36SS
, 2” x 1.6”, 50W Family
DC/DC Power Module: 18~75V in, 3.3V/15A out
The Delphi Series L36SS
, 2” x 1.6”, 18~75V input, single
output, isolated DC/DC converter is the latest offering from a world
leader in power systems technology and manufacturing - Delta
Electronics, Inc. This L36SA series provides up to 50 watts of power
or 15A of output current (3.3
V) in an industry standard 2” x 1.6” form
factor and pinout. The Delphi L36SA series operates from a wide
18~75V (4:1) input voltages. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performances, as well as
extremely high reliability under highly stressful operating conditions.
All models are fully protected from abnormal input/output voltage,
current, and temperature conditions. The Delphi Series converters
meet all safety requirements with basic insulation. An optional heat
spreader is available for extended operation.


Similar Part No. - L36SA12004NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
579Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
546Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
638Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
632Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
550Kb / 13P
   Fixed frequency operation
More results

Similar Description - L36SA12004NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
L36SA3R315NRFA DELTA-L36SA3R315NRFA Datasheet
579Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA12004NRFA DELTA-L36SA12004NRFA_13 Datasheet
632Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
546Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
638Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
832Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com