Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK04D0524A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # SK04D0524A
Description  2W DC/DC CONVERTER, SMD-Package, High isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SK04D0524A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  SK04D0524A Datasheet HTML 1Page - Delta Electronics, Inc. SK04D0524A Datasheet HTML 2Page - Delta Electronics, Inc. SK04D0524A Datasheet HTML 3Page - Delta Electronics, Inc. SK04D0524A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_SG02S/D_07192012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P3
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20MHz.
3
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not
damage these modules; however they may not meet all specifications listed.
4
All DC/DC converters should be externally fused at the front end for protection.
5
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
6
Specifications subject to change without notice.
7
It is not recommended to use water-washing process on SMT units.
Mechancial Drawing
Mechanical Dimensions
Connecting Pin Patterns
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05 (±0.002)
Pin Connections
Physical Outline
Pin
Single Output
Dual Output
Case Size
:
24.0x13.7x9.0mm (0.94x0.54x0.35 Inches)
1
-Vin
-Vin
7
NC
NC
Case Material
:
Non-Conductive Black Plastic (flammability to UL
94V-0 rated)
8
NC
Common
9
+Vout
+Vout
Weight
:
3.75g
10
-Vout
-Vout
16
+Vin
+Vin
NC: No Connection
0.15 S
24.0 [0.94]
15.24 [0.6]
[0.1]
[0.12]
2.54
3.11
1.00 [0.04]
1
78
10 9
16
SSEATING
PLANE
17.78 [0.70]
1.6 [0.06]
15.24 [0.60]
2.54 [0.10]
2.8 [0.11]
19.3 [0.76]


Similar Part No. - SK04D0524A

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
SK040N TECCOR-SK040N Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
SK040N LITTELFUSE-SK040N Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
SK040N LITTELFUSE-SK040N Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
Teccor Electronics
SK040R TECCOR-SK040R Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
SK040R LITTELFUSE-SK040R Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
More results

Similar Description - SK04D0524A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DC02S0505A DELTA-DC02S0505A Datasheet
200Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400_15 Datasheet
605Kb / 6P
   DC/DC CONVERTER 2W, SMD-Package
MSDW1000 MINMAX-MSDW1000_15 Datasheet
716Kb / 5P
   DC/DC CONVERTER 2W, SMD-Package
MSCWI02 MINMAX-MSCWI02 Datasheet
974Kb / 5P
   DC/DC CONVERTER 2W, SMD Package
MSAU400 MINMAX-MSAU400_15 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
logo
Delta Electronics, Inc.
SC02S DELTA-SC02S Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
logo
Mean Well Enterprises C...
SFTN02 MEANWELL-SFTN02 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
   DC/DC CONVERTER 1W, High Isolation,SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com