Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V36SE12004PKFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # V36SE12004PKFA
Description  Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V36SE12004PKFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button V36SE12004PKFA Datasheet HTML 3Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 4Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 5Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 6Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 7Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 8Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 9Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 10Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS_ V36SE12004_12252012
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P7
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for an
unlimited duration during output overload. If the output
current exceeds the OCP set point, the modules will
automatically shut down, and enter hiccup mode or latch
mode, which is optional.
For hiccup mode, the module will try to restart after
shutdown. If the over current condition still exists, the
module will shut down again. This restart trial will continue
until the over-current condition is corrected.
For latch mode, the module will latch off once it shutdown.
The latch is reset by either cycling the input power or by
toggling the on/off signal for one second.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the output
terminals. If this voltage exceeds the over-voltage set point,
the module will shut down, and enter in hiccup mode or
latch mode, which is optional.
For hiccup mode, the module will try to restart after
shutdown. If the over voltage condition still exists, the
module will shut down again. This restart trial will continue
until the over-voltage condition is corrected.
For latch mode, the module will latch off once it shutdown.
The latch is reset by either cycling the input power or by
toggling the on/off signal for one second.
Over-Temperature Protection
The over-temperature protection consists of circuitry that
provides
protection
from
thermal
damage.
If
the
temperature exceeds the over-temperature threshold the
module will shut down, and enter in hiccup mode or latch
mode, which is optional.
For hiccup mode, the module will try to restart after
shutdown. If the over temperature condition still exists, the
module will shut down again. This restart trial will continue
until the over-temperature condition is corrected.
For latch mode, the module will latch off once it shutdown.
The latch is reset by either cycling the input power or by
toggling the on/off signal for one second.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic high.
Positive logic turns the modules on during a logic high
and off during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not
used, please short the on/off pin to Vi(-). For positive
logic if the remote on/off feature is not used, please
leave the on/off pin floating.
Vo(+)
Vi(+)
Vo(-)
Sense(-)
Sense(+)
Vi(-)
ON/OFF
Figure 14: Remote on/off implementation
Remote Sense
Remote sense compensates for voltage drops on the
output by sensing the actual output voltage at the point
of load. The voltage between the remote sense pins
and the output terminals must not exceed the output
voltage sense range given here:
[Vo(+) – Vo(–)] – [SENSE(+) – SENSE(–)] ≤ 10% × Vout
This limit includes any increase in voltage due to
remote sense compensation and output voltage set
point adjustment (trim).
Vi(-)
Vi(+)
Vo(-)
Vo(+)
Sense(+)
Sense(-)
Resistance
Contact
Contact and Distribution
Losses
Figure 15: Effective circuit configuration for remote sense
operation


Similar Part No. - V36SE12004PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE DELTA-V36SE Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010NKFA DELTA-V36SE05010NKFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE05010NMFA DELTA-V36SE05010NMFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE05010NNFA DELTA-V36SE05010NNFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
More results

Similar Description - V36SE12004PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE05010NRFA DELTA-V36SE05010NRFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE3R315NRFA DELTA-V36SE3R315NRFA_13 Datasheet
725Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE05010NRFA DELTA-V36SE05010NRFA_14 Datasheet
650Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_14 Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SC12007NMFB DELTA-V48SC12007NMFB_14 Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
Q36SR12019NRFA DELTA-Q36SR12019NRFA Datasheet
591Kb / 14P
   Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com