Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLH500PGB01A Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # MLH500PGB01A
Description  All Metal Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MLH500PGB01A Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  MLH500PGB01A Datasheet HTML 1Page - Honeywell Solid State Electronics Center MLH500PGB01A Datasheet HTML 2Page - Honeywell Solid State Electronics Center MLH500PGB01A Datasheet HTML 3Page - Honeywell Solid State Electronics Center MLH500PGB01A Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
MLH Series pressure sensors combine Application Specific
Integrated Circuit (ASIC) technology with a media isolated,
metal diaphragm design. This digitally compensated sensor
offers value and performance, making it the ideal pressure
sensing solution for demanding applications. Fully temperature
compensated, calibrated and amplified, the MLH is available in
50 psi to 8,000 psi pressure ranges.
MLH sensors deliver ±0.25% full scale accuracy Best Fit
Straight Line (BFSL) and as low as 2% total error over a
temperature range of -40 °C to 125 °C [-40 °F to 257 °F].
Industry standard connectors and process ports are offered for
enhanced reliability and user flexibility.
The MLH has six standard output options:
A.
0.5 Vdc to 4.5 Vdc ratiometric from 5 Vdc excitation
B.
4 mA to 20 mA
C.
1 Vdc to 6 Vdc regulated
D.
0.25 Vdc to 10.25 Vdc regulated
E.
0.5 Vdc to 4.5 Vdc regulated
G.
1 Vdc to 5 Vdc regulated
FEATURES
All metal wetted parts for use in wide variety of fluid
applications
No internal elastomeric seals mean no o-ring compatibility
issues
Amplified outputs eliminate cost of external amplifiers
Input reverse voltage protection guards against mis-wiring
Less than 2 ms response time provides accurate, high
speed measurement
Rated IP65 or better for protection from harsh environments
POTENTIAL APPLICATIONS
Compressors
Refrigeration and HVAC/R
General industrial
General hydraulics
Multiple transportation applications including braking and
alternate fuels
Medical


Similar Part No. - MLH500PGB01A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
MLH500PGB01A HONEYWELL-MLH500PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH500PGB01A HONEYWELL-MLH500PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH500PGB01A HONEYWELL-ACC-MLH500PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH500PGB01A HONEYWELL-ACC-MLH500PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
More results

Similar Description - MLH500PGB01A

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
MLH05KPSB06B HONEYWELL-ACC-MLH05KPSB06B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH100BSL03B HONEYWELL-ACC-MLH100BSL03B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Solid State E...
MLH004BGB01B HONEYWELL-MLH004BGB01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH300PSB01B HONEYWELL-MLH300PSB01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH03KPSB01A HONEYWELL-ACC-MLH03KPSB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Solid State E...
MLH016BSB01B HONEYWELL-MLH016BSB01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH100PGB01A HONEYWELL-MLH100PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH02KPSP01B HONEYWELL-ACC-MLH02KPSP01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Solid State E...
MLH03KPSB01B HONEYWELL-MLH03KPSB01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Endress+Hauser Group Se...
TI01133P EH-TI01133P Datasheet
1Mb / 48P
   Pressure transducer with ceramic and metal sensors
2021-03-31
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com