Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU25AZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MU25AZ
Description  Manual Motor Starter MU
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MU25AZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MU25AZ Datasheet HTML 1Page - List of Unclassifed Manufacturers MU25AZ Datasheet HTML 2Page - List of Unclassifed Manufacturers MU25AZ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.imopc.com
Accepts contactor and manual motor starter
to mount onto one DIN rail.
Product
MBS25 PL54
For increasing the fault breaking capacity of
single unit or group back-up to 50kA.
U
I = 690V
I
U = 32A
Product
MBS25 ID50
System for connecting units together and
incoming supply.
Fully isolated UI = 690V I
U = 63 amps
Description
Product
For 2 units - 99mm
MBS25 D99
For 3 units - 154mm
MBS25 D154
For 4 units - 208mm
MBS25 D208
For 5 units - 262mm
MBS25 D262
Protection for unused terminals MBS25 BS
Supply Block
MBS25 DB
Spacing Piece 1/2 TE
P730
Trips out the unit should the voltage fall
below 70% of the rated voltage, prevents
automatic restart when voltage returns.
For mounting inside the unit.
Voltage
Product
220-240 AC
MU25A U230
380-415 AC
MU25A U400
24 AC
MU25A U24
110 AC
MU25A U110
Manual Motor Starter MU continued
MU/03/03
Accessories continued
Undervoltage Trip
Bus-Bar System
Current Limiter
Starter Carrier
Description
Product
Moulded enclosure - IP55 MU25A O55
Moulded front plate - IP55 MU25A C55
Locking Bracket - 3 position MU25A Z
Mushroom stop button
MU25A NAT
Green Indicator 240V
MU25A SG230
Red Indicator 240V
MU25A SR230
Earth or neutral conductor MU25A NL
Moulded enclosure CEE Socket MU25A GC1
Enclosures
Current Range
Rated Short Circuit Capacity kA
Back-up Fuse (gI)
220-240 380-415
500
660-690 220-240 380-415
500
660-690
0.10 - 0.16
100
100
100
100
qqqq
0.16 - 0.25
100
100
100
100
qqqq
0.25 - 0.40
100
100
100
100
qqqq
0.40 - 0.63
100
100
100
100
qqqq
0.63 - 1.00
100
100
100
100
qqqq
1.00 - 1.60
100
100
100
100
qqqq
1.60 - 2.50
100
100
3
2.5
qq
25
25
2.50 - 4.00
100
100
3
2.5
qq
35
25
4.00 - 6.30
100
100
3
2.5
qq
50
35
6.30 - 10
100
6/50*
32.5
q
80
50
35
10 -16
10/100*
4/50*
2.5
2
80
80
63
35
16 - 20
10/100*
4/50*
2.5
2
80
80
63
50
20 - 25
10/100*
4/50*
2.5
2
80
80
63
50
Electrical Characteristics
*KA with current limiter MBS25-ID50 up to 415V AC
q Fuse not required
Trip curve
x setting current
Average value of typical
tolerance curves from
cold condition
Trip curve
1. Three phase trip curve


Similar Part No. - MU25AZ

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MU25 MOSPEC-MU25 Datasheet
185Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
More results

Similar Description - MU25AZ

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
2510FG1 SCHNEIDER-2510FG1 Datasheet
88Kb / 2P
   Manual motor starter, fractional horsepower
Aug 8, 2019
logo
Thinking Electronic Ind...
PSA3R3MA2A604 THINKING-PSA3R3MA2A604 Datasheet
479Kb / 9P
   Motor Starter
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
List of Unclassifed Man...
IT900 ETC-IT900 Datasheet
970Kb / 18P
   STK4 (Starter Kit) User Manual
February 2011
logo
PHOENIX CONTACT
105518 PHOENIX-105518 Datasheet
209Kb / 17P
   Hybrid motor starter
logo
Schneider Electric
8538SDA24S8V02S SCHNEIDER-8538SDA24S8V02S Datasheet
63Kb / 1P
   STARTER MOTOR CONTROL <1000VAC
Sep 14, 2023
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
   Motor control starter kit
logo
Renesas Technology Corp
RSKRL78G14 RENESAS-RSKRL78G14 Datasheet
1Mb / 35P
   Renesas Starter Kit User?셲 Manual
logo
List of Unclassifed Man...
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com